Electronic Components Datasheet Search
  English  ▼

X  

MT9075AL Datasheet(PDF) 49 Page - Mitel Networks Corporation

Part # MT9075AL
Description  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075AL Datasheet(HTML) 49 Page - Mitel Networks Corporation

Back Button MT9075AL Datasheet HTML 45Page - Mitel Networks Corporation MT9075AL Datasheet HTML 46Page - Mitel Networks Corporation MT9075AL Datasheet HTML 47Page - Mitel Networks Corporation MT9075AL Datasheet HTML 48Page - Mitel Networks Corporation MT9075AL Datasheet HTML 49Page - Mitel Networks Corporation MT9075AL Datasheet HTML 50Page - Mitel Networks Corporation MT9075AL Datasheet HTML 51Page - Mitel Networks Corporation MT9075AL Datasheet HTML 52Page - Mitel Networks Corporation MT9075AL Datasheet HTML 53Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
Preliminary Information
MT9075A
4-177
Bit
Name
Functional Description
7
PRBSO
PRBS Error Counter Overflow.
This bit is set to one when the
PRBS Error Counter (page 04H
address
10H)
overflows.
It
is
cleared when this register is read.
6
FEBEO
E Bit Counter Overflow. This bit is
set to one when the E bit Counter
(page 04H, address 13H & 14H)
overflows. It is cleared when this
register is read.
5
JFO
Jitter Attenuator FIFO Counter
Overflow. This bit is set to one
when the Jitter Attenuator FIFO
Counter (page 04H, address 15H)
overflows. It is cleared when this
register is read.
4
LBO
Lost
of
Basic
Frame
Synchronization
Counter
Overflow. This bit is set to one
when the Loss of Basic Frame
Synchronization Counter (page 04H
address
17H)
overflows.
It
is
cleared when this register is read.
3
BERO
Bit Error Rate Counter Overflow.
This bit is set to one when the Bit
Error Rate Counter (page 04H,
address
18H)
overflows.
It
is
cleared when this register is read.
2
EFO
Errored Frame Alignment Signal
Counter Overflow. This bit is set to
one
when
the
Errored
Frame
Alignment Signal Counter (page
04H, address 1AH) overflows. It is
cleared when this register is read.
1
BPVO
Bipolar
Violation
Counter
Overflow. This bit is set high when
the Bipolar Violation Counter (page
04H,
address
1CH
&
1DH)
overflows. It is cleared when this
register is read.
0
CCO
CRC Error Counter Overflow. This
bit is set high when the CRC Error
Counter (page 04H, address 1EH &
1FH) overflows. It is cleared when
this register is read.
Table 52 - Overflow Reporting Latch
(Page 04H, Address 16H)
Bit
Name
Functional Description
7 - 0
LBF7
-
LBF0
Loss
of
Basic
Frame
Synchronization
Counter.
This
eight bit counter will be incremented
once for every 125 microsecond
period
in
which
basic
frame
synchronization is lost. It will be
cleared
by
a
basic
frame
synchronization to loss of basic
frame
synchronization
state
transition.
Table 53 - Loss of Basic Synchronization Counter
(Page 04H, Address 17H)
Bit
Name
Functional Description
7 - 0
BR7
-
BR0
Bit Error Rate Counter. An eight
bit counter that contains the total
number of errors in the frame
alignment signal.
Table 54 - Bit Error Rate Counter
(Page 04H, Address 18H)
Bit
Name
Functional Description
7 - 2
---
Unused
1
RCRC1
RAI and Continuous CRC Error
bit 1. This bit goes high when
received A (RAI) bits were high and
receive
E
bits
were
low,
continuously, for more than 10
milliseconds, but less than 450
milliseconds. This bit is cleared
when read.
0
RCRC0
RAI and Continuous CRC Error
Bit 0. This bit goes high when
received A (RAI) bits are high and
receive E bits are low, continuously,
for more than 10 milliseconds.
Table 55 - RAI With CRC Error Word
(Page 04H, Address 19H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com