Electronic Components Datasheet Search
  English  ▼

X  

MT9075B Datasheet(PDF) 78 Page - Mitel Networks Corporation

Part # MT9075B
Description  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075B Datasheet(HTML) 78 Page - Mitel Networks Corporation

Back Button MT9075B Datasheet HTML 70Page - Mitel Networks Corporation MT9075B Datasheet HTML 71Page - Mitel Networks Corporation MT9075B Datasheet HTML 72Page - Mitel Networks Corporation MT9075B Datasheet HTML 73Page - Mitel Networks Corporation MT9075B Datasheet HTML 74Page - Mitel Networks Corporation MT9075B Datasheet HTML 75Page - Mitel Networks Corporation MT9075B Datasheet HTML 76Page - Mitel Networks Corporation MT9075B Datasheet HTML 77Page - Mitel Networks Corporation MT9075B Datasheet HTML 78Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 78 / 78 page
background image
MT9075B
Preliminary Information
78
Figure 29 -
Multiframe Timing Diagram
Figure 30 - PCM 30 Format
Figure 31 - ST-BUS Stream Format
C4b
RxMF(1)
TxMF(1)
Note (1) : These two signals do not have a defined phase relationship
tMOD
tMOD
tMH
tMS
tMH2
F0b
VTT
VTT,VCT
VTT
VTT
FRAME
15
0
14
15
0
TIME SLOT
0
1
30
31
Most
Significant
Bit (First)
Least
Significant
Bit (Last)
BIT
12
3
4
56
7
8
FRAME
FRAME
FRAME
FRAME
TIME SLOT
TIME SLOT
TIME SLOT
BIT
BIT
BIT
BIT
BIT
BIT
BIT
2.0 ms
(8/2.048)
µs
125
µs
••••••••
••••
CHANNEL
31
0
30
BIT
CHANNEL
CHANNEL
CHANNEL
CHANNEL
31
0
BIT
BIT
BIT
BIT
BIT
BIT
BIT
• • •
Least
Significant
Bit (Last)
Most
Significant
Bit (First)
(8/2.048)
µs
125
µs
76
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com