Electronic Components Datasheet Search
  English  ▼

X  

MT9075B Datasheet(PDF) 41 Page - Mitel Networks Corporation

Part # MT9075B
Description  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075B Datasheet(HTML) 41 Page - Mitel Networks Corporation

Back Button MT9075B Datasheet HTML 37Page - Mitel Networks Corporation MT9075B Datasheet HTML 38Page - Mitel Networks Corporation MT9075B Datasheet HTML 39Page - Mitel Networks Corporation MT9075B Datasheet HTML 40Page - Mitel Networks Corporation MT9075B Datasheet HTML 41Page - Mitel Networks Corporation MT9075B Datasheet HTML 42Page - Mitel Networks Corporation MT9075B Datasheet HTML 43Page - Mitel Networks Corporation MT9075B Datasheet HTML 44Page - Mitel Networks Corporation MT9075B Datasheet HTML 45Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 78 page
background image
Preliminary Information
MT9075B
41
Table 31 - Receive Equalization Control Word
(Page 02H, Address 19H)
Bit
Name
Functional Description
7
REDBL
(0)
Receive
Equalizer
Auto
Mode
Disable.
If
one,
the
receive
equalizer is turned off from the auto
mode. If zero, the receive equalizer
is turned on and will compensate for
loop length automatically.
6
REMID
(0)
Receive Equalization Mid-range.
If one and REDBL is one, the one-
stage equalization is enabled, which
provides approximately 6 dB of
gain. If zero, REDBL or REMAX will
control the receive equalization.
5
REMAX
(0)
Receive Equalization Maximum. If
one, REDBL is one and REMID is
zero, the two-stage equalization is
enabled,
which
provides
approximately 12 dB of gain. If zero,
REDBL or REMID will control the
receive equalization.
4 - 0
---
Unused.
Bit
Name
Functional Description
7--
6
CPLA6
(0)
Sign bit. Normalized to a positive
going one, when CPLAt6 is one
then the CPLA0-CPLA5 coefficient
corresponds to a positive level.
When CPLA6 is zero the coefficient
is taken to indicate a negative level.
5 - 0
CPLA5-
CPLA0
(000000)
Pulse shape coefficient for the first
time slot (within one bit cell). CPLA5
is the MSB.
Table 32 - Custom Pulse Level 1
(Page 2, Address 1CH)
Bit
Name
Functional Description
7--
6
CPLB6
(0)
Sign bit. Normalized to a positive
going one, when CPLB6 is one then
the
CPLB0-CPLB5
coefficient
corresponds to a positive level.
When CPLB6 is zero the coefficient
is taken to indicate a negative level.
5 - 0
CPLB5-
CPLB0
(000000)
Pulse shape coefficient for the
second time slot (within one bit cell).
CPLB5 is the MSB
Table 33 - Custom Pulse Level 2
(Page 2, Address 1DH)
Bit
Name
Functional Description
7--
6
CPLC6
(0)
Sign bit. Normalized to a positive
going one, when CPLC6 is one then
the
CPLC0-CPLC5
coefficient
corresponds to a positive level.
When CPLA6 is zero the coefficient
is taken to indicate a negative level.
5 - 0
CPLC5-
CPLC0
(000000)
Pulse shape coefficient for the third
time slot (within one bit cell). CPLC5
is the MSB.
Table 34 - Custom Pulse Level 1
(Page 2, Address 1CH)
Bit
Name
Functional Description
7--
6
CPLD6
(0)
Sign bit. Normalized to a positive
going one, when CPLD6 is one then
the
CPLD0-CPLD5
coefficient
corresponds to a positive level.
When CPLD6 is zero the coefficient
is taken to indicate a negative level.
5 - 0
CPLD5-
CPLD0
(000000)
Pulse shape coefficient for the
fourth time slot (within one bit cell)
Table 35 - Custom Pulse Level 4
(Page 2, Address 1FH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com