Electronic Components Datasheet Search
  English  ▼

X  

MT9075B Datasheet(PDF) 56 Page - Mitel Networks Corporation

Part # MT9075B
Description  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075B Datasheet(HTML) 56 Page - Mitel Networks Corporation

Back Button MT9075B Datasheet HTML 52Page - Mitel Networks Corporation MT9075B Datasheet HTML 53Page - Mitel Networks Corporation MT9075B Datasheet HTML 54Page - Mitel Networks Corporation MT9075B Datasheet HTML 55Page - Mitel Networks Corporation MT9075B Datasheet HTML 56Page - Mitel Networks Corporation MT9075B Datasheet HTML 57Page - Mitel Networks Corporation MT9075B Datasheet HTML 58Page - Mitel Networks Corporation MT9075B Datasheet HTML 59Page - Mitel Networks Corporation MT9075B Datasheet HTML 60Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 78 page
background image
MT9075B
Preliminary Information
56
Bit
Name
Functional Description
7 - 2
---
Unused
1 - 0
LEC9
-
LEC8
Latched E bit error counter (the
most significant two bits). These
bits are sampled every second by
the internal one second timer.
Table 75 - Latched E-bit Error Counter
(Page 09H, Address 10H)
Bit
Name
Functional Description
7 - 0
LEC7
-
LEC0
Latched E Bit Error Counter (the
least significant eight bits). These
bits are sampled every second by
the internal one second timer.
Table 76 - Latched E-bit Error Counter
(Page 09H, Address 11H)
Bit
Name
Functional Description
7 - 0 LEFAS7
-
LEFAS0
Latched Errored FAS Counter. An
8 bit counter that is incremented
once
for
every
receive
frame
alignment signal that contains one
or more errors. These bits are
sampled
every
second
by
the
internal one second timer.
Table 77 - Latched Errored Frame Alignment
Signal Counter (Page 09H, Address 12H)
Bit
Name
Functional Description
7 - 0
LBPV15
-
LBPV8
Latched
BPV
Counter
(most
significant
8
bits).
The
BPV
counter is incremented once for
every
bipolar
violation
error
received. These bits are sampled
every second by the internal one
second timer.
Table 78- Most Significant Bits of the Latched
BPV Counter (Page 09H, Address 13H)
Bit
Name
Functional Description
7 - 0
LBPV7
-
LBPV0
Latched
BPV
Counter
(least
significant
8
bits).
The
least
significant eight bits of a 16 bit
counter that is incremented once for
every
bipolar
violation
error
received. These bits are sampled
every second by the internal one
second timer.
Table 79 - Least Significant Bits of the Latched
BPV Counter (Page 09H, Address 14H)
Bit
Name
Functional Description
7 - 2
---
Unused
1 - 0
LCC9
-
LCC8
Latched
CRC-4
Error
Counter
(Bits 9 & 8). These are the most
significant two bits of the CRC-4
error
counter.
These
bits
are
sampled
every
second
by
the
internal one second timer.
Table 80 - Latched CRC-4 Error Counter
(Page 09H, Address 15H)
Bit
Name
Functional Description
7 - 0
LCC7
-
LCC0
Latched
CRC-4
Error
Counter
(Bits 7-0). These are the least
significant eight bits of the CRC-4
error
counter.
These
bits
are
sampled
every
second
by
the
internal one second timer.
Table 81 - Latched CRC-4 Error Counter
(Page 09H, Address 16H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com