Electronic Components Datasheet Search
  English  ▼

X  

MT9075B Datasheet(PDF) 67 Page - Mitel Networks Corporation

Part # MT9075B
Description  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075B Datasheet(HTML) 67 Page - Mitel Networks Corporation

Back Button MT9075B Datasheet HTML 63Page - Mitel Networks Corporation MT9075B Datasheet HTML 64Page - Mitel Networks Corporation MT9075B Datasheet HTML 65Page - Mitel Networks Corporation MT9075B Datasheet HTML 66Page - Mitel Networks Corporation MT9075B Datasheet HTML 67Page - Mitel Networks Corporation MT9075B Datasheet HTML 68Page - Mitel Networks Corporation MT9075B Datasheet HTML 69Page - Mitel Networks Corporation MT9075B Datasheet HTML 70Page - Mitel Networks Corporation MT9075B Datasheet HTML 71Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 78 page
background image
Preliminary Information
MT9075B
67
Absolute Maximum Ratings* - Voltages are with respect to ground (VSS) unless otherwise stated.
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
Recommended Operating Conditions - Voltages are with respect to ground (V
SS) unless otherwise stated.
‡ Typical figures are at 25˚C and are for design aid only: not guaranteed and not subject to production testing.
DC Electrical Characteristics† - Voltages are with respect to ground (V
SS) unless otherwise stated.
† Characteristics are for clocked operation over the ranges of recommended operating temperature and supply voltage.
‡ Typical figures are at 25˚C and are for design aid only: not guaranteed and not subject to production testing.
‡ * Limits for input leakage on pin names: tdi, tck, tms and trstb are max 100uA.
Note 1: Timing for output signals is based on the worst case result of the combination of TTL and CMOS thresholds.
Parameter
Symbol
Min
Max
Units
1
Supply Voltage
VDD
-0.3
7
V
2
Voltage at Digital Inputs
VI
-0.3
VDD + 0.3
V
3
Current at Digital Inputs
II
30
mA
4
Voltage at Digital Outputs
VO
-0.3
VDD + 0.3
V
5
Current at Digital Outputs
IO
30
mA
6
Storage Temperature
TST
-55
125
˚C
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Operating Temperature
TOP
-40
85
˚C
2
Supply Voltage
VDD
4.75
5
5.25
V
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Supply Current
IDD
150
mA
Outputs unloaded.
Transmitting an all 1’s
signal.
2
Input High Voltage (Digital Inputs)
VIH
2.0
VDD
V
3
Input Low Voltage (Digital Inputs)
VIL
0
0.8
V
4
Input Leakage (Digital Inputs)*
IIL
10
µAV
I = 0 to VDD
5
Output High Voltage (Digital Outputs)
VOH
2.4
VDD
V
IOH=7 mA @ VOH=2.4 V
6
Output High Current (Digital Outputs)
IOH
7
mA
Source VOH=2.4 V
7
Output Low Voltage (Digital Outputs)
VOL
VSS
0.4
V
IOL=2 mA @ VOL= 0.4 V
8
Output Low Current (Digital Outputs)
IOL
7
mA
Sink VOL=0.4 V
9
High Impedance Leakage (Digital I/O)
IOZ
10
µAV
O = 0 to VDD
AC Electrical Characteristics - Timing Parameter Measurement Voltage Levels
Characteristics
Sym
Level
Units
Conditions/Notes
1
TTL Threshold Voltage
VTT
1.5
V
See Note 1
2
CMOS Threshold Voltage
VCT
0.5
∗V
DD
V
See Note 1
3
Rise/Fall Threshold Voltage High
VHM
2.0
0.7
∗V
DD
V
V
TTL
CMOS
4
Rise/Fall Threshold Voltage Low
VLM
0.8
0.3
∗V
DD
V
V
TTL
CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com