Electronic Components Datasheet Search
  English  ▼

X  

MT9075B Datasheet(PDF) 34 Page - Mitel Networks Corporation

Part # MT9075B
Description  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075B Datasheet(HTML) 34 Page - Mitel Networks Corporation

Back Button MT9075B Datasheet HTML 30Page - Mitel Networks Corporation MT9075B Datasheet HTML 31Page - Mitel Networks Corporation MT9075B Datasheet HTML 32Page - Mitel Networks Corporation MT9075B Datasheet HTML 33Page - Mitel Networks Corporation MT9075B Datasheet HTML 34Page - Mitel Networks Corporation MT9075B Datasheet HTML 35Page - Mitel Networks Corporation MT9075B Datasheet HTML 36Page - Mitel Networks Corporation MT9075B Datasheet HTML 37Page - Mitel Networks Corporation MT9075B Datasheet HTML 38Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
MT9075B
Preliminary Information
34
Table 20 - National Use Bit Interrupt Mask Word
(Page 01H, Address 19H)
Table 21 - Interrupt, Signalling and BERT
Control Word (Page 01H, Address 1AH)
(continued)
Bit
Name
Functional Description
7
---
Unused.
6
PRBSO
(0)
PRBS
Counter
Overflow
Interrupt.
When
unmasked
(PRBSO
=
1),
an
interrupt
is
initiated
on
overflow
of
PRBS
counter (page 04H, address 10H)
from FFH to 0H. Interrupt vector =
00000010.
5
PRBSI
(0)
PRBS Interrupt. When unmasked
(PRBSI = 1), an interrupt is initiated
on a single PRBS detection error.
Interrupt vector = 00000010.
4SanibI
(0)
Changed
Sa Nibble Interrupt.
When unmasked (SanibI = 1), an
interrupt
is
generated
upon
detection of a change of state in any
of received Sa nibbles (nibble Sa5,
nibble Sa6, nibble Sa7 or nibble Sa8).
Interrupt vector = 00000010.
3SabitI
(0)
Changed Sa Bit Interrupt. When
unmasked (SabitI = 1), an interrupt
is generated upon detection of a
change of state in any of received
Sa bits (Sa5, Sa6, Sa7 or Sa8).
Interrupt vector = 00000010.
2
C8Sa6I
(0)
Eight
Consecutive
Sa6 Nibble
Interrupt. When unmasked (C8Sa6I
= 1), an interrupt is generated upon
detection of the eighth consecutive
Sa6 nibble with the same pattern.
Interrupt vector = 00000010.
1Sa6I
(0)
Changed Sa6 Nibble Interrupt.
When unmasked (Sa6I = 1), an
interrupt
is
generated
upon
detection of a change of state in
received
Sa6
nibbles.
Interrupt
vector = 00000010.
0Sa5I
(0)
Changed Sa5 Bit Interrupt. When
unmasked (Sa5I =1), an interrupt is
generated
upon
detection
of
a
change of state in the received Sa5
bit. Interrupt vector = 00000010.
Bit
Name
Functional Description
7
ODE
(0)
Output Data Enable. If one, the
DSTo and CSTo output drivers
function normally. When low, DSTo
and CSTo will be tristated.
Note: When ODE =1, DSTo and
CSTo can be individually tristated
by DSToDE and CSToDE (page
01H, address 16H) respectively.
6
SPND
(0)
Suspend Interrupts. If one, the
IRQ output (pin 12 in PLCC, 85 in
MQFP) will be in a high-impedance
state and all interrupts will be
ignored. If zero, the IRQ output will
function normally.
5
INTA
(0)
Interrupt Acknowledge. A zero-to-
one or one-to-zero transition will
clear any pending interrupt and
make IRQ high.
4
TxCCS
(0)
Transmit
Common
Channel
Signalling. If one, the transmit
section of the device is in common
channel signalling (CCS) mode. If
zero, it is in Channel Associated
Signalling (CAS) mode.
3
RPSIG
(0)
Register
Programmed
Signalling. If one, the transmit CAS
signalling
will
be
controlled
by
programming page 05H. If zero, the
transmit CAS signalling will be
controlled through the CSTi stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com