Electronic Components Datasheet Search
  English  ▼

X  

MT9075B Datasheet(PDF) 35 Page - Mitel Networks Corporation

Part # MT9075B
Description  E1 Single Chip Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075B Datasheet(HTML) 35 Page - Mitel Networks Corporation

Back Button MT9075B Datasheet HTML 31Page - Mitel Networks Corporation MT9075B Datasheet HTML 32Page - Mitel Networks Corporation MT9075B Datasheet HTML 33Page - Mitel Networks Corporation MT9075B Datasheet HTML 34Page - Mitel Networks Corporation MT9075B Datasheet HTML 35Page - Mitel Networks Corporation MT9075B Datasheet HTML 36Page - Mitel Networks Corporation MT9075B Datasheet HTML 37Page - Mitel Networks Corporation MT9075B Datasheet HTML 38Page - Mitel Networks Corporation MT9075B Datasheet HTML 39Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 78 page
background image
Preliminary Information
MT9075B
35
Table 21 - Interrupt, Signalling and BERT
Control Word (Page 01H, Address 1AH)
Bit
Name
Functional Description
2
CNTCLR
(0)
Counter Clear. If one, all status
counters are cleared and held low.
Zero for normal operation.
1
MSN
(0)
Most
Significant
Signalling
Nibble. If one, the CSTo and CSTi
channel
associated
signalling
nibbles will be valid in the most
significant portion of each ST-BUS
time slot. If zero, the CSTo and
CSTi channel associated signalling
nibbles will be valid in the least
significant portion of each ST-BUS
time slot.
0
64KCCS
(0)
64
Kbits/s
Common
Channel
Signalling. If one, common channel
signalling information is sourced
from CSTi, and common channel
signalling information is clocked out
of CSTo. The transmit clock is an
internal clock. This 64 KHz clock is
divided down from C4b and is
synchronous
with
the
STBUS
channel
boundaries.
The
rising
edges of the clock occur between
channels 1 and 2; 5 and 6; 9 and
10; 13 and 14; 17 and 18; 21 and
22; 25 and 26; 29 and 30. The
receive clock is synchronous with
the same channel times, but derived
from the extracted clock timebase.
The CCS receive clock is driven out
on Rx64KCK (pin 47 in PLCC, 35 in
MQFP) when this bit is set. If zero
CSTi and CSTo have 2.048 mb/s bit
rates and operate as per Tables 66
to 71.
Bit
Name
Functional Description
7
SYNI
(0)
Synchronization Interrupt. When
unmasked (SYNI = 0) an interrupt is
initiated when a loss of basic frame
synchronization
condition
exists.
Interrupt vector = 10000000.
6
RAII
(0)
Remote
Alarm
Indication
Interrupt. When unmasked (RAII =
0) a received RAI will initiate an
interrupt.
Interrupt
vector
=
01000000.
5
AISI
(0)
Alarm Indication Signal Interrupt.
When unmasked (AISI = 0) a
received
AIS
will
initiate
an
interrupt.
Interrupt
vector
=
01000000.
4
AIS16I
(0)
Channel
16
Alarm
Indication
Signal Interrupt. When unmasked
(AIS16I = 0), a received AIS16 will
initiate an interrupt. Interrupt vector
= 01000000.
3
LOSI
(0)
Loss of Signal Interrupt. When
unmasked (LOSI = 0) an interrupt is
initiated when a loss of signal
condition exists. Interrupt vector =
01000000.
2
FERI
(0)
Frame
Error
Interrupt.
When
unmasked (FERI = 0), an interrupt
is initiated when an error in the
frame
alignment
signal
occurs.
Interrupt vector = 00100000.
1
BPVO
(0)
Bipolar
Violation
Counter
Overflow
Interrupt.
When
unmasked (BPVO = 0), an interrupt
is initiated when the bipolar violation
error counter changes form FFFFH
to 0H. Interrupt vector = 00010000.
0
SLPI
(0)
SLIP Interrupt. When unmasked
(SLPI = 0), an interrupt is initiated
when a controlled frame slip occurs.
Interrupt vector = 00000100.
Table 22 - Interrupt Mask Word Zero
(Page 01H, Address 1BH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com