Electronic Components Datasheet Search
  English  ▼

X  

SP5669 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # SP5669
Description  2.7GHz I2C Bus Controlled Synthesiser
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5669 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button SP5669 Datasheet HTML 4Page - Mitel Networks Corporation SP5669 Datasheet HTML 5Page - Mitel Networks Corporation SP5669 Datasheet HTML 6Page - Mitel Networks Corporation SP5669 Datasheet HTML 7Page - Mitel Networks Corporation SP5669 Datasheet HTML 8Page - Mitel Networks Corporation SP5669 Datasheet HTML 9Page - Mitel Networks Corporation SP5669 Datasheet HTML 10Page - Mitel Networks Corporation SP5669 Datasheet HTML 11Page - Mitel Networks Corporation SP5669 Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
SP5669
RE
RTS
TS2
TS1
TS0
REF/COMP OUTPUT
Test mode description
MODE
0
0
X
X
X
Disabled to high state
Normal operation
0
1
X
0
0
Disabled to high state
Charge pump sink.
Status byte FL = logic ‘1’
0
1
X
0
1
Disabled to high state
Charge pump source.
Status byte FL = logic ‘0’
0
1
X
1
0
Disabled to high state
Charge pump disabled.
Status byte FL=logic ‘0’
0
1
X
1
1
Disabled to high state
Port P0 = F pd /2
0
1
1
X
X
Disabled to high state
Varactor Drive Output
disabled
1
0
XXX
F
ref switched
Normal operation
1
1
XXX
F
comp switched
Normal operation
X=don’t care
Figure. 5 REF/COMP output mode and Test modes
C1
C0
Current in
µA
byte 5, bit 1
byte 5, bit 2
min
typ
max
0
0
±90
±120
±150
01
±195
±260
±325
1
0
±416
±555
±694
11
±900
±1200
±1500
Figure 6. Charge pump current
300
100
50
10
1000
2000
3000
FREQUENCY (MHz)
3500
OPERATING
WINDOW
1000
2000
2700
3000
FREQUENCY (MHz)
3500
300
OPERATING
WINDOW
300
100
50
10
VIN
(mV RMS
INTO 50 )
VIN
(mV RMS
INTO 50 )
100
80
80
Figure. 7a Typical input sensitivity
(prescaler disabled, PE=0)
Figure. 7b Typical input sensitivity
(prescaler enabled, PE=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com