Electronic Components Datasheet Search
  English  ▼

X  

SP5669 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # SP5669
Description  2.7GHz I2C Bus Controlled Synthesiser
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5669 Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button SP5669 Datasheet HTML 2Page - Mitel Networks Corporation SP5669 Datasheet HTML 3Page - Mitel Networks Corporation SP5669 Datasheet HTML 4Page - Mitel Networks Corporation SP5669 Datasheet HTML 5Page - Mitel Networks Corporation SP5669 Datasheet HTML 6Page - Mitel Networks Corporation SP5669 Datasheet HTML 7Page - Mitel Networks Corporation SP5669 Datasheet HTML 8Page - Mitel Networks Corporation SP5669 Datasheet HTML 9Page - Mitel Networks Corporation SP5669 Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
SP5669
To facilitate smooth fine tuning, the frequency data bytes
are only accepted by the device after all 17 bits of frequency
data have been received, or after the generation of a STOP
condition. Repeatedly sending bytes 2 and 3 only will not
change the frequency. A frequency change occurs when one
of the following data sequences is sent to an addressed
device;
Additional Programmable Features
Prescaler enable
The divide by two prescaler is enabled by setting bit PE
within byte 4 to a logic ’1’. A logic ’0’ disables the
prescaler, directly passing the RF input frequency to the
17–bit programmable counter. Bit PE is a static select
only.
Charge pump current
The charge pump current can be programmed by bits
C1 and C0 within data byte 5, as defined in Fig. 6.
Test mode
The test modes are invoked by setting bits RE=0 and
RTS=1 within the programming data, and are selected
by bits TS2, TS1 and TS0 as shown in Fig. 5. When TS2,
TS1 and TS0 are received, the device retains previously
received P2, P1 and P0 data.
Reference/Comparison frequency output
The reference frequency F ref can be switched to the
REF/COMP output, pin 3, by setting bit RE=1 and
RTS=0 within byte 5. The comparison frequency F
comp can be switched to the REF/COMP output, pin 3,
by setting bit RE=1 and RTS=1 within byte 5. For RE set
to logic ’0’, the output is disabled and set to a high state.
RE and RTS default to logic ’1’ during device power up,
thus enabling the comparison frequency F comp at the
REF/COMP output.
Bytes 2, 3, 4, 5
Bytes 4, 5, 2, 3
or when a STOP condition follows valid data bytes as
follows;
Bytes 2, 3, 4, STOP
Bytes 4, 5, 2 STOP
Bytes 2, 3, STOP
Bytes 2, STOP
Bytes 4, STOP
It should be noted that the device must be initially
addressed with both frequency AND control byte data,
since the control byte contains reference divider
information which must be provided before a chosen
frequency can be synthesised. This implies that after
initial turn on, bytes 2, 3, 4 must be sent followed by a
STOP condition as a minimum requirement.
Alternatively bytes 2, 3, 4, 5 must be sent if port
information is also required.
Read Mode
When the device is in read mode, the status byte read
fromthe device takes the form shown in Table 2, Fig. 4.
Bit 1 (POR) is the power–on reset indicator, and this is
set to a logic ’1’ if the V
CC supply to the device has
dropped below 3V (at 25
°C), e.g. when the device is
initially turned ON. The POR is reset to ’0’ when the read
sequence is terminated by a STOP command. When
POR is set high (at low V
CC),
the programmed
information is lost and the output ports are all set to high
impedance.
Bit 2 (FL) indicates whether the device is phase locked,
a logic ’1’ is present if the device is locked, and a logic
’0’ if the device is unlocked.
Bits 6,7 and 8 (A2, A1, A0) combine to give the output
of the ADC. The ADC can be used to feed AFC
information to the microprocessor via the I 2 C bus.
Comparison
frequency with a
R3
R2
R1
R0
Ratio
4MHz external
reference
0
0
0
0
2
2MHz
0001
4
1MHz
0
0
1
0
8
500kHz
0011
16
250kHz
0100
32
125kHz
0101
64
62.5kHz
0100
128
31.25kHz
0111
256
15.625kHz
1
0
0
0
Not
-
Allowed
1001
6
666.67kHz
1010
12
333.33kHz
1011
24
166.67kHz
1100
48
83.33kHz
1101
96
41.67kHz
1110
192
20.83kHz
1111
384
10.42kHz
Figure. 3 Reference division ratios



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com