Electronic Components Datasheet Search
  English  ▼

X  

SP5669 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SP5669
Description  2.7GHz I2C Bus Controlled Synthesiser
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5669 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SP5669 Datasheet HTML 1Page - Mitel Networks Corporation SP5669 Datasheet HTML 2Page - Mitel Networks Corporation SP5669 Datasheet HTML 3Page - Mitel Networks Corporation SP5669 Datasheet HTML 4Page - Mitel Networks Corporation SP5669 Datasheet HTML 5Page - Mitel Networks Corporation SP5669 Datasheet HTML 6Page - Mitel Networks Corporation SP5669 Datasheet HTML 7Page - Mitel Networks Corporation SP5669 Datasheet HTML 8Page - Mitel Networks Corporation SP5669 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
SP5669
ELECTRICAL CHARACTERISTICS
T amb = –20
°C to +80°C, V
CC = +4.5V to +5.5V. Reference frequency = 4MHz. These characteristics are guaranteed by
either production test or design. They apply within the specified ambient temperature and supply voltage ranges unless
otherwise stated.
Characteristics
Pin
Value
Units
Conditions
Min
Typ
Max
Supply current, I
CC
12
68
85
mA
V
CC = 5V prescaler enabled, PE = 1
58
73
mAV
CC = 5V prescaler disabled, PE = 0
RF input voltage
13, 14
40
300
mV rms
300MHz to 2.7GHz Prescaled
enabled, PE = 1, See Fig. 7b.
13, 14100
300
mV rms
80MHz Prescaler enabled,
PE=1, See Fig. 7b.
13,14 50
300
mV rms
80MHz to 2.0GHz Prescaler
disabled, PE = 0, See Fig. 7a.
RF input impedance
13, 14
50
Ω
Refer to Fig. 13
RF input capacitance
13, 14
2
pF
Refer to Fig. 13
SDA, SCL
5, 6
Input High voltage
3
5.5
V
Input Low voltage
0
1.5
V
Input High current
10
µA
Input voltage = V
CC
Input Low Current
–10
µA
Input voltage = V
EE
LeakageCurrent
10
µAV
CC = VEE
Input hysteresis
0.8
V
SDA Output voltage
5
0.4
V
I sink = 3mA
Charge pump output
1
See Fig. 6, V pin = 2V
current
Charge pump output
1
± 3
± 10
nA
V pin1 = 2V
leakage
Charge pump drive
output current
16
1
mAV pin16 = 0.7V
Drive output saturation
voltage when disabled
16
350
mV
External reference
input frequency
2
2
20
MHzAC coupled sinewave
External reference
input ampltude
2
200
500
mV p–pAC coupled sinewave
Crystal frequency
2
4
16
MHz
Crystal oscillator drive
2
35
mV p–p
level
Recommended crystal
series resistance
10
200
Ω
Applies to 4MHz crystal only.
‘Parallel resonant’ crystal. Figure
quoted is under all conditions
including start up.
Crystal oscillator
negative resistance
2
400
Ω
Includes temperature and
process tolerances.
REF/COMP output
3
Voltage
350
mV p–p
AC coupled output. Output
enabled,RE=1. See Note 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com