Electronic Components Datasheet Search
  English  ▼

X  

SP5669 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # SP5669
Description  2.7GHz I2C Bus Controlled Synthesiser
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5669 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  SP5669 Datasheet HTML 1Page - Mitel Networks Corporation SP5669 Datasheet HTML 2Page - Mitel Networks Corporation SP5669 Datasheet HTML 3Page - Mitel Networks Corporation SP5669 Datasheet HTML 4Page - Mitel Networks Corporation SP5669 Datasheet HTML 5Page - Mitel Networks Corporation SP5669 Datasheet HTML 6Page - Mitel Networks Corporation SP5669 Datasheet HTML 7Page - Mitel Networks Corporation SP5669 Datasheet HTML 8Page - Mitel Networks Corporation SP5669 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
SP5669
Electrical Chacteristics (cont.)
T amb = –20
°C to 80 °C, V
CC =+ 4.5V to + 5.5V. Reference frequency = 4MHz. These characteristics are guaranteed
by either production test or design. They apply within the specified ambient temperature and supply voltage ranges unless
otherwise stated.
Characteristics
Pin
Value
Units
Conditions
Min
Typ
Max
Comparison frequency
2
MHz
Equivalent phase noise at
phase detector
–148
dBC/Hz
6kHz loop BW, phase comparator
freq 250kHz. Figure measured @
1kHz offset, SSB (within loop
band width).
RF division ratio
240
131071
Prescaler disabled, PE = 0
480
262142
Prescaler enabled, PE = 1
Reference division ratio
See Fig. 3
Output ports P0, P1, P2, P3
7,8,9,
10
Sink current
10
mA
V port = 0.7V
Leakage current
10
µA
V port = 13.2V
ADC input voltage
11
See Table 4, Fig 4
ADC input current
11
±10
µAV
CC
≥ V input ≥ V
EE
Address input current High
4
1
mA
Input voltage =V
CC
Address input current Low
4
–0.5
mA
Input voltage =V
EE
Note 1: If the REF/COMP output is not used, the output should be left open circuit or connected to V
CC , and disabled by
setting RE=0.
Absolute Maximum Ratings
All voltages are referred to V
EE at 0V.
Characteristics
Pin
Value
Units
Conditions
Min
Max
Supply Voltage, V
CC
12
0.3
7
V
RF input voltage
13,14
2.5
V p–p
AC coupled as per application
RF input DC offset
13,14
–0.3
V
CC +0.3
V
Port voltage
7–10
–0.3
14
V
Port in off state
7–10
–0.3
6
V
Port in on state
Total port current
7–10
50
mA
ADC input DC offset
11
–0.3
V
CC +0.3
V
REF/COMP output DC offset
3
–0.3
V
CC +0.3
V
Charge pump DC offset
1
–0.3
V
CC +0.3
V
Drive DC offset
16
–0.3
V
CC +0.3
V
Crystal oscillator DC offset
2
–0.3
V
CC +0.3
V
Address DC offset
4
–0.3
V
CC +0.3
V
SDA and SCL DC offset
5, 6
–0.3
6V
V
Storage temperature
–55
+150
°C
Junction temperature
+150
°C
MP16 thermal resistance
chip to ambient
111
°C/W
chip to case
41
°C/W
Power consumption at V CC =5.5V
468
mW
All ports off, prescaler enabled
ESD protection
All
4
kV
Mil Std 883 TM 3015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com