Electronic Components Datasheet Search
  English  ▼

X  

SP5669 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # SP5669
Description  2.7GHz I2C Bus Controlled Synthesiser
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5669 Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button SP5669 Datasheet HTML 3Page - Mitel Networks Corporation SP5669 Datasheet HTML 4Page - Mitel Networks Corporation SP5669 Datasheet HTML 5Page - Mitel Networks Corporation SP5669 Datasheet HTML 6Page - Mitel Networks Corporation SP5669 Datasheet HTML 7Page - Mitel Networks Corporation SP5669 Datasheet HTML 8Page - Mitel Networks Corporation SP5669 Datasheet HTML 9Page - Mitel Networks Corporation SP5669 Datasheet HTML 10Page - Mitel Networks Corporation SP5669 Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
SP5669
MSB
LSB
ADDRESS
1
1
0
0
0
MA1
MA0
1
A
Byte 1
STATUS BYTE
POR
FL
X
X
X
A2
A1
A0
A
Byte 2
Table 2 Read data format (MSB is transmitted first)
A
:
Acknowledge bit
MA1, MA0
:
Variable address bits (see Table 3)
2 16 –2 0
:
Programmable division ratio control bits
PE
:
Prescaler enable
R3,R2,R1,R0
:
Reference division ratio select (see Fig. 3)
C1, C0
:
Charge pump current select (see Fig.6)
RE
:
Reference oscillator output enable
RTS
:
REF/COMP output select when RE=1 (see Fig.5)
RTS
:
Test mode enable when RE=0 (see Fig.5)
TS2, TS1, TS0
:
Test mode control bits (valid when RE=0, RTS=1, see Fig. 5)
P0
:
P0 port output state (always valid except when RE=0, RTS=1)
P3, P2, P1
:
P3, P2 and P1 port output states
POR
:
Power On Reset indicator
FL
:
Phase Lock Flag
A2, A1, A0
:
ADC data (see Table 4)
X
:
Don’t care
MA1
MA0
Address input voltage level
0
0
0 – 0.1V
CC
0
1
Open circuit
1
0
0.4V CC – 0.6V
CC #
1
1
0.9V CC – V
CC
# Programmed by connecting a 15k
Ω resistor
between pin 4 and V
CC
Table 3 Address selection
A2
A1
A0
Voltage on ADC input
1
0
0
0.6V
CC toV CC
0
1
1
0.45V
CC to 0.6VCC
0
1
0
0.3V
CC to 0.45VCC
0
0
1
0.15V
CC to 0.3VCC
0
0
0
0 to 0.15V
CC
Table 4 ADC levels
MSB
LSB
ADDRESS
1
1
0
0
0
MA1
MA0
0
A
Byte 1
PROGRAMMABLE
DIVIDER
0
2 14
2 13
2 12
2 11
210
2 9
2 8
A
Byte 2
PROGRAMMABLE
DIVIDER
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
A
Byte 3
CONTROL DATA
1
216
215
PE
R3
R2
R1
R0
A
Byte 4
CONTROL DATA
C1
C0
RE
RTS
P3
P2/TS2 P1/TS1 P0/TS0
A
Byte 5
Table 1 Write data format (MSB is transmitted first)
Figure. 4 Data formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com