Electronic Components Datasheet Search
  English  ▼

X  

SP5669 Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # SP5669
Description  2.7GHz I2C Bus Controlled Synthesiser
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5669 Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button SP5669 Datasheet HTML 5Page - Mitel Networks Corporation SP5669 Datasheet HTML 6Page - Mitel Networks Corporation SP5669 Datasheet HTML 7Page - Mitel Networks Corporation SP5669 Datasheet HTML 8Page - Mitel Networks Corporation SP5669 Datasheet HTML 9Page - Mitel Networks Corporation SP5669 Datasheet HTML 10Page - Mitel Networks Corporation SP5669 Datasheet HTML 11Page - Mitel Networks Corporation SP5669 Datasheet HTML 12Page - Mitel Networks Corporation SP5669 Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
SP5669
Double Conversion Tuner Systems
The high 2.7GHz maximum operating frequency and
excellent noise characteristics of the SP5669 enables
the construction of double conversion high IF tuners.
A typical system shown in Fig.8 will use the SP5669 as
the first LO control for full band upconversion to an IF of
greater than 1GHz.
The wide range of reference division ratios allows
the SP5669 to be used both for the up converter LO with
a high phase comparator frequency (hence low phase
noise) and the down converter which utilises the device
in a lower comparison frequency mode (which offers a
fine step size).
50–900MHz
1.6GHz
38.9MHz
1650–2700MHz
SP5659
SP5659
First LO
Second LO
Reference Clock
Figure. 8 Example of double conversion from VHF/UHF frequencies to TV IF
CONTROL
MICRO
15nF
68pF
+30V
+5V
22k
16k
47k
+12V
2n2
BCW31
1n
1n
10n
P3
TUNER
OSCILLATOR
OUTPUT
13k3
P0
SCL
SDA
ADDRESS
REF 10n
18pF
4MHz
Optional application utilising
on–board crystal controlled
oscillator
2
3
4
5
6
7
13
12
11
10
89
116
116
14
15
P2
P1
ADC
Figure. 9 Typical appliction
Application Notes
A generic set of application notes AN168 for designing
with synthesisers such as the SP5659 has been written.
This covers aspects such as loop filter design and
decoupling. This application note is also featured in the
Media Data Book, or refer to the Mitel Semicondor
Internet Site http://www.gpsemi.com.
A generic test/demo board has been produced which
can be used for the SP5669. A circuit diagram and list
of components for the board is shown in Figs. 10 and 11.
The board can be used for the following purposes:
(A) Measuring RF sensitivity performance.
(B) Indicating port function.
(C) Synthesising a voltage controlled oscillator.
(D) Testing of external reference
SP5669
SP5669



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com