Electronic Components Datasheet Search
  English  ▼

X  

OPA180IDBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA180IDBVT
Description   Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA180IDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA180IDBVT Datasheet HTML 3Page - Texas Instruments OPA180IDBVT Datasheet HTML 4Page - Texas Instruments OPA180IDBVT Datasheet HTML 5Page - Texas Instruments OPA180IDBVT Datasheet HTML 6Page - Texas Instruments OPA180IDBVT Datasheet HTML 7Page - Texas Instruments OPA180IDBVT Datasheet HTML 8Page - Texas Instruments OPA180IDBVT Datasheet HTML 9Page - Texas Instruments OPA180IDBVT Datasheet HTML 10Page - Texas Instruments OPA180IDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
OPA180, OPA2180, OPA4180
www.ti.com
SBOS584D – NOVEMBER 2011 – REVISED MAY 2014
Electrical Characteristics: VS = ±2 V to ±18 V (VS = 4 V to 36 V) (continued)
At TA = 25°C, RL = 10 kΩ connected to VS / 2, and VCOM = VOUT = VS / 2, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
No load
8
18
mV
Voltage output swing from rail
RL = 10 kΩ
250
300
mV
TA = –40°C to 105°C, RL = 10 kΩ
325
360
mV
IOS
Short-circuit current
±18
mA
ro
Output resistance (open loop)
f = 2 MHz, IO = 0 mA
120
Ω
CLOAD
Capacitive load drive
1
nF
POWER SUPPLY
VS
Operating voltage range
±2 (or 4)
±18 (or 36)
V
450
525
μA
IQ
Quiescent current (per amplifier)
TA = –40°C to 105°C, IO = 0 mA
600
μA
TEMPERATURE
Specified range
–40
105
°C
Operating range
–40
105
°C
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA180 OPA2180 OPA4180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com