Electronic Components Datasheet Search
  English  ▼

X  

OPA180IDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA180IDBVT
Description   Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA180IDBVT Datasheet(HTML) 1 Page - Texas Instruments

  OPA180IDBVT Datasheet HTML 1Page - Texas Instruments OPA180IDBVT Datasheet HTML 2Page - Texas Instruments OPA180IDBVT Datasheet HTML 3Page - Texas Instruments OPA180IDBVT Datasheet HTML 4Page - Texas Instruments OPA180IDBVT Datasheet HTML 5Page - Texas Instruments OPA180IDBVT Datasheet HTML 6Page - Texas Instruments OPA180IDBVT Datasheet HTML 7Page - Texas Instruments OPA180IDBVT Datasheet HTML 8Page - Texas Instruments OPA180IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Time (1 s/div)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
OPA180, OPA2180, OPA4180
SBOS584D – NOVEMBER 2011 – REVISED MAY 2014
OPAx180 0.1-
μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V,
Zero-Drift Operational Amplifiers
1 Features
3 Description
The OPA180, OPA2180, and OPA4180 operational
1
•
Low Offset Voltage: 75
μV (max)
amplifiers use zero-drift techniques to simultaneously
•
Zero-Drift: 0.1
μV/°C
provide low offset voltage (75
μV), and near zero-drift
•
Low Noise: 10 nV/
√Hz
over time and temperature. These miniature, high-
precision, low quiescent current amplifiers offer high
•
Very Low 1 / f Noise
input impedance and rail-to-rail output swing within
•
Excellent DC Precision:
18 mV of the rails. The input common-mode range
–
PSRR: 126 dB
includes the negative rail. Either single or dual
supplies can be used in the range of 4.0 V to 36 V
–
CMRR: 114 dB
(±2 V to ±18 V).
–
Open-Loop Gain (AOL): 120 dB
The dual version is offered in VSSOP-8 and SOIC-8
•
Quiescent Current: 525
μA (max)
packages. The quad is offered in SOIC-14 and
•
Wide Supply Range: ±2 V to ±18 V
TSSOP-14 packages. All versions are specified for
•
Rail-to-Rail Output:
operation from –40°C to 105°C.
Input Includes Negative Rail
Device Information(1)
•
Low Bias Current: 250 pA (typ)
DEVICE NAME
PACKAGE
BODY SIZE (NOM)
•
RFI Filtered Inputs
SOT23 (5)
1.60 mm × 2.90 mm
•
MicroSIZE Packages
OPA180
VSSOP, MSOP (8)
3.00 mm × 3.00 mm
SOIC (8)
4.90 mm × 3.91 mm
2 Applications
VSSOP, MSOP (8)
3.00 mm × 3.00 mm
•
Bridge Amplifiers
OPA2180
SOIC (8)
4.90 mm × 3.91 mm
•
Strain Gauges
TSSOP (14)
5.00 mm × 4.40 mm
•
Test Equipment
OPA4180
SOIC (14)
8.65 mm × 3.91 mm
•
Transducer Applications
(1) For all available packages, see the orderable addendum at
•
Temperature Measurement
the end of the datasheet.
•
Electronic Scales
space
•
Medical Instrumentation
space
•
Resister Thermal Detectors
space
•
Precision Active Filters
Low Noise
(Peak-to-Peak Noise = 250 nV)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA180IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA180IDBVT TI2-OPA180IDBVT Datasheet
1Mb / 49P
OPAx180 0.1-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
REVISED JUNE 2018
OPA180IDBVT.B TI2-OPA180IDBVT.B Datasheet
1Mb / 49P
OPAx180 0.1-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
REVISED JUNE 2018
OPA180IDBVTG4 TI2-OPA180IDBVTG4 Datasheet
1Mb / 49P
OPAx180 0.1-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
REVISED JUNE 2018
OPA180IDBVTG4.B TI2-OPA180IDBVTG4.B Datasheet
1Mb / 49P
OPAx180 0.1-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
REVISED JUNE 2018
More results

Similar Description - OPA180IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188 TI1-OPA188 Datasheet
483Kb / 23P
0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI-OPA2180_13 Datasheet
1Mb / 27P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA187 TI1-OPA187 Datasheet
1Mb / 33P
Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI1-OPA187_17 Datasheet
1Mb / 35P
Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com