Electronic Components Datasheet Search
  English  ▼

X  

OPA180IDBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA180IDBVT
Description   Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA180IDBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA180IDBVT Datasheet HTML 8Page - Texas Instruments OPA180IDBVT Datasheet HTML 9Page - Texas Instruments OPA180IDBVT Datasheet HTML 10Page - Texas Instruments OPA180IDBVT Datasheet HTML 11Page - Texas Instruments OPA180IDBVT Datasheet HTML 12Page - Texas Instruments OPA180IDBVT Datasheet HTML 13Page - Texas Instruments OPA180IDBVT Datasheet HTML 14Page - Texas Instruments OPA180IDBVT Datasheet HTML 15Page - Texas Instruments OPA180IDBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
-60
70
80
90
100
110
120
130
140
150
-
-
-
-
-
-
-
-
-
1
100
1k
10k
100M
Frequency (Hz)
10
100k
1M
10M
Channel A to B
Channel B to A
160
140
120
100
80
60
40
20
0
10M
10G
Frequency (Hz)
100M
1G
30
20
10
0
10
20
30
-
-
-
-55
-35
-15
5
25
125
Temperature ( C)
°
45
105
85
65
I
, Source
SC
I
, Sink
SC
15
12.5
10
7.5
5
2.5
0
1k
100k
1M
10M
Frequency(Hz)
V = 15V
±
S
V = 5V
±
S
V = 2.25V
±
S
Maximumoutputvoltagewithout
slew-rateinduceddistortion.
10k
10
8
6
4
2
0
2
4
6
8
10
-
-
-
-
-
0
60
Time ( s)
m
20
10
50
40
30
12-Bit Settling
( 1/2 LSB = 0.024%)
±
±
10
8
6
4
2
0
2
4
6
8
10
-
-
-
-
-
0
60
Time ( s)
m
20
10
50
40
30
12-Bit Settling
( 1/2 LSB = 0.024%)
±
±
OPA180, OPA2180, OPA4180
SBOS584D – NOVEMBER 2011 – REVISED MAY 2014
www.ti.com
Typical Characteristics (continued)
VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF, unless otherwise noted.
G = –1
G = –1
Figure 19. Large-Signal Settling Time
Figure 20. Large-Signal Settling Time
(10-V Positive Step)
(10-V Negative Step)
Figure 21. Short-Circuit Current vs Temperature
Figure 22. Maximum Output Voltage vs Frequency
Figure 23. Channel Separation vs Frequency
Figure 24. EMIRR IN+ vs Frequency
12
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: OPA180 OPA2180 OPA4180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com