Electronic Components Datasheet Search
  English  ▼

X  

OPA180IDBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA180IDBVT
Description   Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA180IDBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA180IDBVT Datasheet HTML 10Page - Texas Instruments OPA180IDBVT Datasheet HTML 11Page - Texas Instruments OPA180IDBVT Datasheet HTML 12Page - Texas Instruments OPA180IDBVT Datasheet HTML 13Page - Texas Instruments OPA180IDBVT Datasheet HTML 14Page - Texas Instruments OPA180IDBVT Datasheet HTML 15Page - Texas Instruments OPA180IDBVT Datasheet HTML 16Page - Texas Instruments OPA180IDBVT Datasheet HTML 17Page - Texas Instruments OPA180IDBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Time (100 s/div)
m
18 V
-18 V
37 V
PP
Sine Wave
( 18.5 V)
±
Device
V
I
V
O
160
140
120
100
80
60
40
20
0
10M
10G
Frequency (Hz)
100M
1G
OPA180, OPA2180, OPA4180
SBOS584D – NOVEMBER 2011 – REVISED MAY 2014
www.ti.com
Feature Description (continued)
8.3.2 EMI Rejection
The OPAx180 uses integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI
interference from sources such as wireless communications and densely populated boards with a mix of analog
signal chain and digital components. EMI immunity can be improved with circuit design techniques; the OPAx180
benefits from these design improvements. Texas Instruments has developed the ability to accurately measure
and quantify the immunity of an operational amplifier over a broad frequency spectrum extending from 10 MHz to
6 GHz. Figure 25 shows the results of this testing on the OPAx180. Detailed information can also be found in the
application report, EMI Rejection Ratio of Operational Amplifiers (SBOA128), available for download from
www.ti.com.
Figure 25. OPAx180 EMIRR Testing
8.3.3 Phase-Reversal Protection
The OPAx180 family has an internal phase-reversal protection. Many op amps exhibit a phase reversal when the
input is driven beyond its linear common-mode range. This condition is most often encountered in noninverting
circuits when the input is driven beyond the specified common-mode voltage range, causing the output to
reverse into the opposite rail. The input of the OPAx180 prevents phase reversal with excessive common-mode
voltage. Instead, the output limits into the appropriate rail. This performance is shown in Figure 26.
Figure 26. No Phase Reversal
14
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: OPA180 OPA2180 OPA4180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com