Electronic Components Datasheet Search
  English  ▼

X  

OPA180IDBVT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA180IDBVT
Description   Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA180IDBVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA180IDBVT Datasheet HTML 16Page - Texas Instruments OPA180IDBVT Datasheet HTML 17Page - Texas Instruments OPA180IDBVT Datasheet HTML 18Page - Texas Instruments OPA180IDBVT Datasheet HTML 19Page - Texas Instruments OPA180IDBVT Datasheet HTML 20Page - Texas Instruments OPA180IDBVT Datasheet HTML 21Page - Texas Instruments OPA180IDBVT Datasheet HTML 22Page - Texas Instruments OPA180IDBVT Datasheet HTML 23Page - Texas Instruments OPA180IDBVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
OPA2180
RTD
Pt100
R
105.8k
5
W
(1)
V
OUT
R
60.4k
3
W
R
4.99k
1
W
R
49.1k
2
W
R
1kW
4
1 F
m
1 F
m
REF5050
+15V
In
Out
(5V)
0 C=0V
200 C=5V
°
°
½
OPA2180
-15V
15V
U5
½
OPA2180
15V
-15V
U2
+
VCM
10
-VDIFF/2
V
DIFF/2
R
1kW
5
R
1kW
7
R
500 W
G
V
P
OUT
V
N
OUT
U1
INA159
3.3V
V
OUT
Ref1
Ref2
Sense
OPA180, OPA2180, OPA4180
SBOS584D – NOVEMBER 2011 – REVISED MAY 2014
www.ti.com
9.2.2 Discrete INA + Attenuation
The OPA180 can be used as a high-voltage, high-impedance front-end for a precision, discrete instrumentation
amplifier with attenuation. The INA159 provides the attenuation that allows this circuit to easily interface with 3.3-
V or 5-V analog-to-digital converters (ADCs).
Figure 33. Discrete INA + Attenuation for ADC with 3.3-V Supply
9.2.3 RTD Amplifier
The OPA180 is excellent for use in analog linearization of resistance temperature detectors (RTDs). The below
circuit combines the precision of the OPA180 amplifier and the precision reference REF5050 to linearize a Pt100
RTD.
(1) R5 provides positive-varying excitation to linearize output.
Figure 34. RTD Amplifier with Linearization
20
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: OPA180 OPA2180 OPA4180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com