Electronic Components Datasheet Search
  English  ▼

X  

TMP007 Datasheet(PDF) 40 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 36Page - Texas Instruments TMP007 Datasheet HTML 37Page - Texas Instruments TMP007 Datasheet HTML 38Page - Texas Instruments TMP007 Datasheet HTML 39Page - Texas Instruments TMP007 Datasheet HTML 40Page - Texas Instruments TMP007 Datasheet HTML 41Page - Texas Instruments TMP007 Datasheet HTML 42Page - Texas Instruments TMP007 Datasheet HTML 43Page - Texas Instruments TMP007 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
ADR1
SCL
SDA
AGND
V+
ALERT
Two-Wire
Controller
A3
B1
C2
B3
C3
A2
TMP007
2.5 V to 5.5 V
0.1 µF
ADR0
C1
DGND
A1
10 k
10 k
10 k
V+
TMP007
SBOS685C – APRIL 2014 – REVISED JULY 2015
www.ti.com
8.2.2 Narrow-Range Calibration Example: TOBJ = 33°C to 41°C, Unit vs Common Calibration
Figure 56. Typical Application Circuit
8.2.2.1 Design Requirements
For this application, the system must operate over the environment described in Table 13.
Table 13. Narrow-Range Requirements
DESIGN PARAMETER
EXAMPLE VALUE
COMMENT
N
16
Number of devices in calibration set
Minimum TDIE
25°C
Minimum expected die temperature
Maximum TDIE
30°C
Maximum expected die temperature
Minimum TOBJ
33°C
Minimum expected objected temperature
Maximum TOBJ
41°C
Maximum expected object temperature
ε
0.95
Object emissivity
Field of view
110°
Field of view subtended by object
Conversion rate
1 sample/second
Select a set of values for TDIE and TOBJ to generate the calibration set. At a minimum, include the four extreme
points of the temperature ranges desired. In practice, it is best to include a number of intermediate points as well.
This example uses the values shown in Table 14, with an X marking the values chosen for measurement. In this
application, the calibration set is weighted more densely around the region of interest.
Table 14. Narrow-Range Measurement Values
TOBJ
TDIE
33°C
34°C
35°C
36°C
36.5°C
37°C
37.5°C
38°C
38.5°C
39°C
40°C
41°C
25°C
X
X
X
X
X
X
X
X
X
X
X
X
30°C
X
X
X
X
X
X
8.2.2.2 Detailed Design Procedure
Before attempting to calibrate the system, it is necessary to establish the stability of the system. Noise is a
measure of precision, which is the random deviation from the mean of the distribution. For a Gaussian (or
normal) distribution, the precision is typically characterized by the standard deviation (sensor noise),
σ.
40
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com