Electronic Components Datasheet Search
  English  ▼

X  

TMP007 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 4Page - Texas Instruments TMP007 Datasheet HTML 5Page - Texas Instruments TMP007 Datasheet HTML 6Page - Texas Instruments TMP007 Datasheet HTML 7Page - Texas Instruments TMP007 Datasheet HTML 8Page - Texas Instruments TMP007 Datasheet HTML 9Page - Texas Instruments TMP007 Datasheet HTML 10Page - Texas Instruments TMP007 Datasheet HTML 11Page - Texas Instruments TMP007 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
0
10
20
30
40
50
60
70
80
Object Temperaturej (
SC)
0°C C
20°C C
40°C C
60°C C
C018
0.0
0.5
1.0
1.5
2.0
2.5
±50
±25
0
25
50
75
100
125
150
T
DIE (ƒC)
C036
0
5
10
15
20
25
30
35
40
45
50
±50
±25
0
25
50
75
100
125
150
T
DIE (ƒC)
PSRR
C014
-3.00
-2.00
-1.00
0.00
1.00
2.00
3.00
0
10
20
30
40
50
60
70
80
Object Temperature (
SC)
0°C U
20°C U
40°C U
60°C U
C017
-2.00
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
2.00
±50
±25
0
25
50
75
100
125
150
T
DIE (
ƒC)
Error (°C)

-
C013
0.0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
4
5
6
7
Conversion Rate Code
Noise 25°C
Noise 75°C
C012
TMP007
SBOS685C – APRIL 2014 – REVISED JULY 2015
www.ti.com
Typical Characteristics (continued)
at TDIE = 25°C, and V+ = +3.3 V (unless otherwise noted)
NOTE: In the last three conversion modes, there is a change in
sensor voltage, and a different set of calibration coefficients may be
needed depending on the accuracy required.
Figure 7. Sensor Noise at TDIE = 25°C and 75°C vs Sample
Figure 8. TDIE Accuracy
Time
2.5 V < VS < 5.5 V
Figure 9. TDIE PSRR vs TDIE
Figure 10. Accuracy with Unit Calibration (0°C to 60°C)
Figure 11. Accuracy with Common Calibration (0°C to 60°C)
Figure 12. POR Voltage vs TDIE
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com