Electronic Components Datasheet Search
  English  ▼

X  

TMP007 Datasheet(PDF) 26 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 22Page - Texas Instruments TMP007 Datasheet HTML 23Page - Texas Instruments TMP007 Datasheet HTML 24Page - Texas Instruments TMP007 Datasheet HTML 25Page - Texas Instruments TMP007 Datasheet HTML 26Page - Texas Instruments TMP007 Datasheet HTML 27Page - Texas Instruments TMP007 Datasheet HTML 28Page - Texas Instruments TMP007 Datasheet HTML 29Page - Texas Instruments TMP007 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
TMP007
SBOS685C – APRIL 2014 – REVISED JULY 2015
www.ti.com
7.4.3.2 Memory Store and Register Load From Memory
The internal memory is accessed and the contents transferred to the registers on power up, single load, general
load and reset operations. The transfer from internal memory to the registers takes 3 ms, during which the serial
interface is disabled.
The serial interface does not acknowledge while the memory values are being loaded to the registers, and the
device stops any data conversions in progress. The loaded values programmed in the register can be overwritten
through the serial bus after the load. General load can be used to load all the registers from memory values at
once. The NWr bits indicate the number of times a particular memory location has been written to. It is important
to note that after a value has been overwritten in the memory, previous values are no longer accessible. Only the
most recently written value is transferred from the memory to the register or registers.
7.5 Register Maps
The TMP007 registers contain the results of measurements, status information, temperature limit information for
setting alert thresholds for both interrupt and compare modes, and the values of the coefficients and parameters
currently being used.
Table 7. Internal Register Description
REGISTER
RESET
ADDRESS
VALUE
REGISTER NAME
REGISTER DESCRIPTION
00h
0000h
VSENSOR sensor voltage result
Sensor voltage result register
01h
0000h
TDIE local temperature result
TDIE local temperature result register
02h
1440h
Configuration
Configuration register
03h
0000h
TOBJ object temperature result
TOBJ object temperature result register
04h
0000h
Status
Status register
05h
0000h
Status mask and enable
Mask and enable register
06h
7FC0h
TOBJ object temperature high-limit
TOBJ object temperature high-limit register
07h
8000h
TOBJ object temperature low-limit
TOBJ object temperature low-limit register
08h
7FC0h
TDIE local temperature high-limit
TDIE temperature high-limit register
09h
8000h
TDIE local temperature low-limit
TDIE temperature low-limit register
0Ah
260Eh
S0 coefficient
S0 coefficient register
0Bh
0106h
A1 coefficient
A1 coefficient register
0Ch
FF9Bh
A2 coefficient
A2 coefficient register
0Dh
FF3Ah
B0 coefficient
B0 coefficient register
0Eh
FF71h
B1 coefficient
B1 coefficient register
0Fh
0553h
B2 coefficient
B2 coefficient register
10h
0000h
C2 coefficient
C2 coefficient register
11h
0034h
TC0 coefficient
TC0 coefficient register
12h
0000h
TC1 coefficient
TC1 coefficient register
1Eh
5449h
Manufacturer ID
Manufacturer ID register
1Fh
0078h
Device ID
Device ID register
2Ah
0E00h
Memory access
Memory access register
26
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com