Electronic Components Datasheet Search
  English  ▼

X  

TMP007 Datasheet(PDF) 45 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 41Page - Texas Instruments TMP007 Datasheet HTML 42Page - Texas Instruments TMP007 Datasheet HTML 43Page - Texas Instruments TMP007 Datasheet HTML 44Page - Texas Instruments TMP007 Datasheet HTML 45Page - Texas Instruments TMP007 Datasheet HTML 46Page - Texas Instruments TMP007 Datasheet HTML 47Page - Texas Instruments TMP007 Datasheet HTML 48Page - Texas Instruments TMP007 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
Field of View
Target Object
PCB Copper Ground
Empty FR-4 Material
TMP007
IR Sensor
k
SENSOR_PCB
k
TMP007
Electrically
Connected
Thermally
Isolated
k
BOARD
TMP007
www.ti.com
SBOS685C – APRIL 2014 – REVISED JULY 2015
10 Layout
10.1 Layout Guidelines
The IR thermopile sensor in the TMP007 is as susceptible to conducted and radiant IR energy from below the
sensor on the PCB as it is to the IR energy from objects in its forward-looking field of view. When the area of
PCB below the TMP007 is at the same temperature as the die or substrate of the TMP007, heat is not
transferred between the IR sensor and the PCB. However, temperature changes on a closely-placed target
object or other events that lead to changes in system temperature can cause the PCB temperature and the
TMP007 temperature to drift apart from each other. This drift in temperatures can cause a heat transfer between
the IR sensor and the PCB to occur. Because of the small distance between the PCB and the bottom of the
sensor, this heat energy will be conducted (as opposed to radiated) through the thin layer of air between the IR
sensor and the PCB below it. This heat conduction causes offsets in the IR sensor voltage readings and
ultimately leads to temperature calculation errors. To prevent and minimize these errors, the TMP007 layout
must address critical factors:
Thermally isolate the TMP007 from the rest of the PCB and any heat sources on it. Provide a stable thermal
environment to reduce the noise in the measurement readings
Figure 60 illustrates the concept of thermally isolating the TMP007 from the PCB and external heat sources such
as other components, air currents, and so on.
Figure 60. Principle of TMP007 Thermal Isolation
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com