Electronic Components Datasheet Search
  English  ▼

X  

TMP007 Datasheet(PDF) 27 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 23Page - Texas Instruments TMP007 Datasheet HTML 24Page - Texas Instruments TMP007 Datasheet HTML 25Page - Texas Instruments TMP007 Datasheet HTML 26Page - Texas Instruments TMP007 Datasheet HTML 27Page - Texas Instruments TMP007 Datasheet HTML 28Page - Texas Instruments TMP007 Datasheet HTML 29Page - Texas Instruments TMP007 Datasheet HTML 30Page - Texas Instruments TMP007 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
TMP007
www.ti.com
SBOS685C – APRIL 2014 – REVISED JULY 2015
Table 8. Register Map
REGISTER
DESCRIPTION
ADDR
R/W
BIT DESCRIPTION
VSENSOR sensor
00h
R
V15
V14
V13
V12
V11
V10
V9
V8
V7
V6
V5
V4
V3
V2
V1
V0
voltage result
TDIE local
01h
R
T13
T12
T11
T10
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
—
—
temperature result
INT/
Configuration
02h
R/W
RST
—
—
MOD
CR2
CR1
CR0
ALRTEN
ALRTF
TC
—
—
—
—
—
COMP
TOBJ object
03h
R
T13
T12
T11
T10
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
—
nDV
temperature result
Mem
DATA_
Status
04h
R
ALRTF
CRTF
OHF
OLF
AHF
ALF
nDVF
—
—
—
—
—
—
—
Crpt
OVF
Status mask and
MEM_
05h
R/W
ALRTEN
CRTEN
OHEN
OLEN
LHEN
LLEN
DVEN
—
—
—
—
—
—
—
—
enable
C_EN
TOBJ object
temperature high-
06h
R/W
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
—
—
—
—
—
—
limit
TOBJ object
temperature low-
07h
R/W
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
—
—
—
—
—
—
limit
TDIE local
temperature high-
08h
R/W
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
—
—
—
—
—
—
limit
TDIE local
temperature low-
09h
R/W
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
—
—
—
—
—
—
limit
S0 coefficient
0Ah
R/W
S0_15
S0_
S0_13
S0_12
S0_11
S0_10
S0_9
S0_8
S0_7
S0_6
S0_5
S0_4
S0_3
S0_2
S0_1
S0_0
A1 coefficient
0Bh
R/W
A1_15
A1_14
A1_13
A1_12
A1_11
A1_10
A1_9
A1_8
A1_7
A1_6
A1_5
A1_4
A1_3
A1_2
A1_1
A1_0
A2 coefficient
0Ch
R/W
A2_15
A2_14
A2_13
A2_12
A2_11
A2_10
A2_9
A2_8
A2_7
A2_6
A2_5
A2_4
A2_3
A2_2
A2_1
A2_0
B0 coefficient
0Dh
R/W
B0_15
B0_14
B0_13
B0_12
B0_11
B0_10
B0_9
B0_8
B0_7
B0_6
B0_5
B0_4
B0_3
B0_2
B0_1
B0_0
B1 coefficient
0Eh
R/W
B1_15
B1_14
B1_13
B1_12
B1_11
B1_10
B1_9
B1_8
B1_7
B1_6
B1_5
B1_4
B1_3
B1_2
B1_1
B1_0
B2 coefficient
0Fh
R/W
B2_15
B2_14
B2_13
B2_12
B2_11
B2_10
B2_9
B2_8
B2_7
B2_6
B2_5
B2_4
B2_3
B2_2
B2_1
B2_0
C2 coefficient
10h
R/W
C_11
C_10
C_9
C_8
C_7
C_6
C_5
C_4
C_3
C_2
C_1
C_0
—
—
—
—
TC0 coefficient
11h
R/W
TC0_15
TC0_14
TC0_13
TC0_12
TC0_11
TC0_10
TC0_9
TC0_8
TC0_7
TC0_6
TC0_5
TC0_4
TC0_3
TC0_2
TC0_1
TC0_0
TC1 coefficient
12h
R/W
TC1_15
TC1_14
TC1_13
TC1_12
TC1_11
TC1_10
TC1_9
TC1_8
TC1_7
TC1_6
TC1_5
TC1_4
TC1_3
TC1_2
TC1_1
TC1_0
Manufacturer ID
1Eh
R
ID15
ID14
ID13
ID12
ID11
ID10
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
Device ID
1Fh
R
DID11
DID10
DID9
DID8
DID7
DID6
DID5
DID4
DID3
DID2
DID1
DID0
RID3
RID2
RID1
RID0
Mem
General
Mem
Single
Memory Access
2Ah
R/W
nwR_2
nwR_1
nwR_0
—
—
—
—
Adr4
Adr3
Adr2
Adr1
Adr0
Crpt
Load
Store
Load
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com