Electronic Components Datasheet Search
  English  ▼

X  

TMP007 Datasheet(PDF) 42 Page - Texas Instruments

Part # TMP007
Description  TMP007 Infrared Thermopile Sensor with Integrated Math Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP007 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMP007 Datasheet HTML 38Page - Texas Instruments TMP007 Datasheet HTML 39Page - Texas Instruments TMP007 Datasheet HTML 40Page - Texas Instruments TMP007 Datasheet HTML 41Page - Texas Instruments TMP007 Datasheet HTML 42Page - Texas Instruments TMP007 Datasheet HTML 43Page - Texas Instruments TMP007 Datasheet HTML 44Page - Texas Instruments TMP007 Datasheet HTML 45Page - Texas Instruments TMP007 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
30
32
34
36
38
40
42
44
46
Object Temperature (
SC)
25°C-1 s
25°C-4 s
30°C-1 s
30°C-4 s
C017
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
30
32
34
36
38
40
42
44
46
Object Temperature (
SC)
25°C-U
25°C-C
30°C-U
30°C-C
C015
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
30
32
34
36
38
40
42
44
46
Object Temperature (
SC)
C-1 s
U-1 s
U-4 s
C016
Accuracy
Mean Calibration Error
3 Standard Deviations
=
±
TMP007
SBOS685C – APRIL 2014 – REVISED JULY 2015
www.ti.com
Note that calibration does not affect the temporal random noise observed, as shown in Figure 55. The standard
deviation of the temperature error is independent of the calibration if the random error is dominated by the sensor
noise and not external system factors, such as convection and conduction. For common calibration, the total
standard deviation increases because of the effects of device-to-device variation. This standard deviation is
calculated in the usual way, by substituting TOBJ_PREDICT for the mean in the standard deviation formula.
The accuracy is then defined as the mean calibration error plus the random errors from all sources. For this
example application, use the criteria shown in Equation 14:
(18)
The resulting accuracy over TOBJ and TDIE is shown in Figure 57 for the unit- and common-calibration
approaches. Clearly, the unit calibration results in higher accuracy, though common calibration is applicable for
many application requirements.
Reduce the random temporal error by increasing the sample time. Figure 58 shows the effects of increasing the
sample time on the standard deviation. As a result of device-to-device variation, the effects of increased sample
time on the common-calibration scheme is negligible; however, an improvement is seen for the unit calibration
scheme.
Finally, the resulting accuracy is shown for the different sample times as a function of TDIE in Figure 59. Improve
the accuracy by generating separate coefficient sets for TDIE = 25°C and TDIE = 30°C.
8.2.2.3 Application Curves
Figure 57. Mean Error with Unit and Common Calibration,
Figure 58. RMS Temperature Error vs Conversion Rate
Narrow Range Over TDIE
Figure 59. Accuracy vs Conversion Rate (Unit Calibration)
42
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TMP007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com