Electronic Components Datasheet Search
  English  ▼

X  

LM95241 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM95241
Description  Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95241 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM95241 Datasheet HTML 9Page - Texas Instruments LM95241 Datasheet HTML 10Page - Texas Instruments LM95241 Datasheet HTML 11Page - Texas Instruments LM95241 Datasheet HTML 12Page - Texas Instruments LM95241 Datasheet HTML 13Page - Texas Instruments LM95241 Datasheet HTML 14Page - Texas Instruments LM95241 Datasheet HTML 15Page - Texas Instruments LM95241 Datasheet HTML 16Page - Texas Instruments LM95241 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
D7
D6
D5
D4
D3
D2
D1
D0
1
9
1
9
Ack
by
LM95241
Start by
Master
R/W
Frame 1
Serial Bus Address Byte
Frame 2
Command Byte
Ack
by
LM95241
D7
D6
D5
D4
D3
D2
D1
D0
1
9
Frame 3
Data Byte
Ack by
LM95241
Stop
by
Master
SMBCLK
SMBDAT
SMBCLK
(Continued)
SMBDAT
(Continued)
A5
A3
A2
A0
A6
A4
A1
D7
D6
D5
D4
D3
D2
D1
D0
1
9
1
9
Ack
by
LM95241
Start by
Master
R/W
Frame 1
Serial Bus Address Byte
Frame 2
Command Byte
Ack by
LM95241
SMBCLK
SMBDAT
A5
A3
A2
A0
A6
A4
A1
Stop
by
Master
LM95241
www.ti.com
SNIS143E – AUGUST 2006 – REVISED MARCH 2013
A Write to the LM95241 will always include the address byte and the command byte. A write to any register
requires one data byte.
Reading the LM95241 can take place either of two ways:
1. If the location latched in the Command Register is correct (most of the time it is expected that the Command
Register will point to one of the Read Temperature Registers because that will be the data most frequently
read from the LM95241), then the read can simply consist of an address byte, followed by retrieving the data
byte.
2. If the Command Register needs to be set, then an address byte, command byte, repeat start, and another
address byte will accomplish a read.
The data byte has the most significant bit first. At the end of a read, the LM95241 can accept either acknowledge
or No Acknowledge from the Master (No Acknowledge is typically used as a signal for the slave that the Master
has read its last byte). When retrieving all 11 bits from a previous remote diode temperature measurement, the
master must insure that all 11 bits are from the same temperature conversion. This may be achieved by reading
the MSB register first. The LSB will be locked after the MSB is read. The LSB will be unlocked after being read. If
the user reads MSBs consecutively, each time the MSB is read, the LSB associated with that temperature will be
locked in and override the previous LSB value locked-in.
SMBus Timing Diagrams for Access of Data
Figure 8. Serial Bus Write to the Internal Command Register
Figure 9. Serial Bus Write to the internal Command Register followed by a Data Byte
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM95241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com