Electronic Components Datasheet Search
  English  ▼

X  

LM95241 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM95241
Description  Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95241 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM95241 Datasheet HTML 17Page - Texas Instruments LM95241 Datasheet HTML 18Page - Texas Instruments LM95241 Datasheet HTML 19Page - Texas Instruments LM95241 Datasheet HTML 20Page - Texas Instruments LM95241 Datasheet HTML 21Page - Texas Instruments LM95241 Datasheet HTML 22Page - Texas Instruments LM95241 Datasheet HTML 23Page - Texas Instruments LM95241 Datasheet HTML 24Page - Texas Instruments LM95241 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LM95241
www.ti.com
SNIS143E – AUGUST 2006 – REVISED MARCH 2013
Processor Family
Diode Equation
ηD, non-ideality
Series R
min
typ
max
Pentium III CPUID 67h
1
1.0065
1.0125
Pentium III CPUID 68h/PGA370Socket/
1.0057
1.008
1.0125
Celeron
Pentium 4, 423 pin
0.9933
1.0045
1.0368
Pentium 4, 478 pin
0.9933
1.0045
1.0368
Pentium 4 on 0.13 micron process, 2-3.06GHz
1.0011
1.0021
1.0030
3.64
Ω
Pentium 4 on 90 nm process
1.0083
1.011
1.023
3.33
Ω
Pentium on 65 nm porcess
1.000
1.009
1.050
4.52
Ω
Pentium M Processor (Centrino)
1.00151
1.00220
1.00289
3.06
Ω
MMBT3904
1.003
AMD Athlon MP model 6
1.002
1.008
1.016
AMD Athlon 64
1.008
1.008
1.096
AMD Opteron
1.008
1.008
1.096
AMD Sempron
1.00261
0.93
Ω
Compensating for Different Non-Ideality
In order to compensate for the errors introduced by non-ideality, the temperature sensor is calibrated for a
particular processor. Texas Instruments temperature sensors are always calibrated to the typical non-ideality and
series resistance of a given processor type. The LM95241 is calibrated for two non-ideality factors and series
resistance values thus supporting the MMBT3904 transistor and the Intel processor on 65nm or 90nm process
without the requirement for additional trims. For most accurate measurements TruTherm mode should be turned
on when measuring the Intel processor on the 65nm or 90nm process to minimize the error introduced by the
false non-ideality spread (see Diode Non-Ideality Factor Effect on Accuracy). When a temperature sensor
calibrated for a particular processor type is used with a different processor type, additional errors are introduced.
Temperature errors associated with non-ideality of different processor types may be reduced in a specific
temperature range of concern through use of software calibration. Typical Non-ideality specification differences
cause a gain variation of the transfer function, therefore the center of the temperature range of interest should be
the target temperature for calibration purposes. The following equation can be used to calculate the temperature
correction factor (TCF) required to compensate for a target non-ideality differing from that supported by the
LM95241.
TCF = [(ηS−ηProcessor) ÷ ηS] × (TCR+ 273 K)
where
•
ηS = LM95241 non-ideality for accuracy specification
•
ηT = target thermal diode typical non-ideality
•
TCR = center of the temperature range of interest in °C
(10)
The correction factor of Equation 10 should be directly added to the temperature reading produced by the
LM95233. For example when using the LM95241, with the 3904 mode selected, to measure a AMD Athlon
processor, with a typical non-ideality of 1.008, for a temperature range of 60 °C to 100 °C the correction factor
would calculate to:
TCF=[(1.003−1.008)÷1.003]×(80+273) =−1.75°C
(11)
Therefore, 1.75°C should be subtracted from the temperature readings of the LM95241 to compensate for the
differing typical non-ideality target.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM95241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com