Electronic Components Datasheet Search
  English  ▼

X  

LM95241 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM95241
Description  Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95241 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM95241 Datasheet HTML 12Page - Texas Instruments LM95241 Datasheet HTML 13Page - Texas Instruments LM95241 Datasheet HTML 14Page - Texas Instruments LM95241 Datasheet HTML 15Page - Texas Instruments LM95241 Datasheet HTML 16Page - Texas Instruments LM95241 Datasheet HTML 17Page - Texas Instruments LM95241 Datasheet HTML 18Page - Texas Instruments LM95241 Datasheet HTML 19Page - Texas Instruments LM95241 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LM95241
SNIS143E – AUGUST 2006 – REVISED MARCH 2013
www.ti.com
Bits
Name
Description
0
Remote Diode 1 Missing (RD1M)
When set to "1" Remote Diode 1 is missing. (See DIODE FAULT DETECTION
for further details.) Temperature Reading is FFE0h which converts to 255.875
°C if unsigned format is selected or 8000h which converts to –128.000 °C if
signed format is selected. Note, connecting a 3904 transistor to Remote 1
inputs with TruTherm mode active may also cause this bit to be set.
CONFIGURATION REGISTER
(Read Address 03h /Write Address 03h):
D7
D6
D5
D4
D3
D2
D1
D0
0
RUN/STOP
CR1
CR0
0
R2DF
R1DF
0
Bits
Name
Description
7
Reserved
Reports "0" when read.
6
RUN/STOP
Logic 1 disables the conversion and puts the part in standby mode.
Conversion can be activated by writing to one-shot register.
5-4
Conversion Rate (CR1:CR0)
00: continuous mode 76.5 ms, 13.1 Hz (typ), when TruTherm Mode is disabled
(Diode Equation) for both remote channels; 77.8 ms, 12.9 Hz (typ), when
TruTherm Mode is enabled (Transistor Equation) for one remote channel.
01: converts every 182 ms, 5.5 Hz (typ)
10: converts every 1 second, 1 Hz (typ)
11: converts every 2.7 seconds, 0.37 Hz (typ)
3
Reserved
Reports "0" when read.
2
Remote 2 Data Format (R2DF)
Logic 0: unsigned Temperature format (0 °C to +255.875 °C)
Logic 1: signed Temperature format (-128 °C to +127.75 °C)
1
Remote 1 Data Format (R1DF)
Logic 0: unsigned Temperature format (0 °C to +255.875 °C)
Logic 1: signed Temperature format (-128 °C to +127.75 °C)
0
Reserved
Reports "0" when read.
Power up default is with all bits “0” (zero)
REMOTE DIODE FILTER CONTROL REGISTER
(Read/write Address 06h):
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
R2FE
0
R1FE
Bits
Name
Description
7-3
Reserved
Reports "0" when read.
2
Remote 2 Filter Enable (R2FE)
0: Filter Off
1: Noise Filter On
1
Reserved
Reports "0" when read.
0
Remote 1Filter Enable (R1FE)
0: Filter Off
1: Noise Filter On
Power up default is 05h.
REMOTE DIODE MODEL TYPE SELECT REGISTER
(Read/Write Address 30h):
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
R2MS
0
R1MS
16
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM95241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com