Electronic Components Datasheet Search
  English  ▼

X  

LM95241 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM95241
Description  Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95241 Datasheet(HTML) 3 Page - Texas Instruments

  LM95241 Datasheet HTML 1Page - Texas Instruments LM95241 Datasheet HTML 2Page - Texas Instruments LM95241 Datasheet HTML 3Page - Texas Instruments LM95241 Datasheet HTML 4Page - Texas Instruments LM95241 Datasheet HTML 5Page - Texas Instruments LM95241 Datasheet HTML 6Page - Texas Instruments LM95241 Datasheet HTML 7Page - Texas Instruments LM95241 Datasheet HTML 8Page - Texas Instruments LM95241 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
SMBus
Master
* Place close to LM95241 pins.
** Optional may be required in noisy systems; place close to LM95241 pins.
Q1
MMBT3904
LM95241
1
2
3
4
D1+
D1-
D2+
D2-
5
6
7
8
VDD
SMBCLK
SMBDAT
GND
C1*
100 pF
C2
0.1 PF
SMBCLK
SMBDAT
C4**
100 pF
65nm/90nm
PROCESSOR
C5**
100 pF
+3.3V
Standby
R1
1.3k
R2
1.3k
C3
10 PF
+
Local
Temperature
Registers
Remote 1
Temperature
Registers
SMBus Two Wire Serial Interface
Remote
Diode2 Selector
'-6 Converter
11-Bit or 10-Bit Plus Sign Remote
9-bit Plus Sign Local
3.0V-3.6V
D+
D-
SMBDAT
SMBCLK
Remote 2
Temperature
Registers
Diode Filter
Control
Registers
Config
and
Status
Register
Revision and
Manufacturer
ID Registers
Remote
Diode1 Selector
D+
D-
Local
Diode Selector
TruTherm
TM
Temperature
Sensor
Circuitry
LM95241
Control
Logic
Diode Type
Selection
Register
Diode
TruTherm
Control
Register
LM95241
www.ti.com
SNIS143E – AUGUST 2006 – REVISED MARCH 2013
Simplified Block Diagram
Typical Application
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM95241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com