Electronic Components Datasheet Search
  English  ▼

X  

LM95241 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM95241
Description  Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95241 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM95241 Datasheet HTML 13Page - Texas Instruments LM95241 Datasheet HTML 14Page - Texas Instruments LM95241 Datasheet HTML 15Page - Texas Instruments LM95241 Datasheet HTML 16Page - Texas Instruments LM95241 Datasheet HTML 17Page - Texas Instruments LM95241 Datasheet HTML 18Page - Texas Instruments LM95241 Datasheet HTML 19Page - Texas Instruments LM95241 Datasheet HTML 20Page - Texas Instruments LM95241 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LM95241
www.ti.com
SNIS143E – AUGUST 2006 – REVISED MARCH 2013
Bits
Name
Description
7-3
Reserved
Reports "0" when read.
2
Remote Diode 2 Model Select (R2MS)
0: 2N3904 model (make sure TruTherm mode is disabled)
1: Intel processor on 65nm or 90nm process model (make sure TruTherm
mode is enabled)
Power up default is 0.
1
Reserved
Reports "0" when read.
0
Remote Diode 1 Model Select (R1MS)
0: 2N3904 model (make sure TruTherm mode is disabled)
1: Intel processor on 65nm or 90nm process model (make sure TruTherm
mode is enabled)
Power up default is 1.
Power up default is 01h.
REMOTE DIODE TruTherm MODE CONTROL
(Read/Write Address 07h):
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
R2M2
R2M1
R2M0
Reserved
R1M2
R1M1
R1M0
Bits
Description
7
Reserved
Must be left at 0.
6-4
R2M2:R2M0
000: Remote 2 TruTherm Mode disabled; used when measuring MMBT3904
transistors
001: Remote 2 TruTherm Mode enabled; used when measuring Processors
111: Remote 2 TruTherm Mode enabled; used when measuring Processors
Note, all other codes provide unspecified results and should not be used.
3
Reserved
Must be left at 0.
2-0
R1M2:R1M0
000: Remote 1 TruTherm Mode disabled; used when measuring MMBT3904
transistors
001: Remote 1 TruTherm Mode enabled; used when measuring Processors
111: Remote 1 TruTherm Mode enabled; used when measuring Processors
Note, all other codes provide unspecified results and should not be used.
Power up default is 01h.
LOCAL AND REMOTE MSB AND LSB TEMPERATURE REGISTERS
Local Temperature MSB
(Read Only Address 10h) 9-bit plus sign format:
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
SIGN
64
32
16
8
4
2
1
Temperature Data: LSb = 1°C.
Local Temperature LSB
(Read Only Address 20h) 9-bit plus sign format:
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
0.5
0.25
0
0
0
0
0
0
Temperature Data: LSb = 0.25°C.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM95241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com