Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM73
Description  2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM73 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM73 Datasheet HTML 3Page - Texas Instruments LM73 Datasheet HTML 4Page - Texas Instruments LM73 Datasheet HTML 5Page - Texas Instruments LM73 Datasheet HTML 6Page - Texas Instruments LM73 Datasheet HTML 7Page - Texas Instruments LM73 Datasheet HTML 8Page - Texas Instruments LM73 Datasheet HTML 9Page - Texas Instruments LM73 Datasheet HTML 10Page - Texas Instruments LM73 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
VIH
VIL
SMBCLK
P
S
VIH
VI
L
SMBDAT
tBUF
tHD;STA
tLOW
tR
tHD;DAT
tHIGH
tF
tSU;DAT
tSU;STA
tSU;STO
P
S
LM73
www.ti.com
SNIS141F – OCTOBER 2005 – REVISED OCTOBER 2015
6.7 Logic Electrical Characteristics- SMBus Digital Switching Characteristics
Unless otherwise noted, these specifications apply for VDD = 2.7 V to 5.5 V, CL (load capacitance) on output lines = 400 pF.
All limits TA = TJ = 25°C, unless otherwise noted. See Figure 1.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
No minimum clock
frequency if Time-
fSMB
SMBus Clock Frequency
TA = TJ =TMIN to TMAX
400
kHz
Out feature is
disabled.
tLOW
SMBus Clock Low Time
TA = TJ =TMIN to TMAX
300
ns
tHIGH
SMBus Clock High Time
TA = TJ =TMIN to TMAX
300
ns
tF;SMB
CL = 400 pF
Output Fall Time (3)
TA = TJ =TMIN to TMAX
250
ns
O
IPULL-UP ≤ 3 mA
SMBDAT and SMBCLK Time
tTIMEO
Low for Reset of Serial Interface
TA = TJ =TMIN to TMAX
15
45
ms
UT
(4)
Data In Setup Time to SMBCLK
tSU;DAT
TA = TJ =TMIN to TMAX
100
ns
High
tHD;DA Data Hold Time: Data In Stable
TA = TJ =TMIN to TMAX
0
ns
TI
after SMBCLK Low
tHD;DA Data Hold Time: Data Out Stable
TA = TJ =TMIN to TMAX
30
ns
TO
after SMBCLK Low
Start Condition SMBDAT Low to
SMBCLK Low (Start condition
tHD;STA
TA = TJ =TMIN to TMAX
60
ns
hold before the first clock falling
edge)
Stop Condition SMBCLK High to
tSU;ST
SMBDAT Low (Stop Condition
TA = TJ =TMIN to TMAX
50
ns
O
Setup)
SMBus Repeated Start-Condition
tSU;STA Setup Time, SMBCLK High to
TA = TJ =TMIN to TMAX
50
ns
SMBDAT Low
SMBus Free Time Between Stop
tBUF
TA = TJ =TMIN to TMAX
1.2
µs
and Start Conditions
tPOR
Power-On Reset Time (5)
TA = TJ =TMIN to TMAX
1
ms
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are specified to AOQL (Average Outgoing Quality Level).
(3)
The output fall time is measured from (VIH;MIN + 0.15V) to (VIL;MAX - 0.15V).
(4)
Holding the SMBDAT and/or SMBCLK lines Low for a time interval greater than tTIMEOUT will reset the LM73's SMBus state machine,
setting SMBDAT and SMBCLK pins to a high impedance state.
(5)
Represents the time from VDD reaching the power-on-reset level to the LM73 communications being functional. After an additional time
equal to one temperature conversion time, valid temperature is available in the Temperature Data Register .
Figure 1. SMBus Communication
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com