Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM73
Description  2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM73 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM73 Datasheet HTML 15Page - Texas Instruments LM73 Datasheet HTML 16Page - Texas Instruments LM73 Datasheet HTML 17Page - Texas Instruments LM73 Datasheet HTML 18Page - Texas Instruments LM73 Datasheet HTML 19Page - Texas Instruments LM73 Datasheet HTML 20Page - Texas Instruments LM73 Datasheet HTML 21Page - Texas Instruments LM73 Datasheet HTML 22Page - Texas Instruments LM73 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
LM73
www.ti.com
SNIS141F – OCTOBER 2005 – REVISED OCTOBER 2015
7.5.1.6 Control/Status Register
Pointer Address 04h (R/W)
Reset State: 08h
D7
D6
D5
D4
D3
D2
D1
D0
TO_DIS
RES1
RES0
reserved
ALRT_STAT
THI
TLOW
DAV
BITS
NAME
DESCRIPTION
7
Time-Out Disable
Disable the time-out feature on the SMBDAT and SMBCLK lines if set to 1. Setting this bit turns off the
bus-idle timers, enabling the LM73 to operate at lowest shutdown current.
6:5
Temperature
Selects one of four user-programmable temperature data resolutions
Resolution
00: 0.25°C/LSB, 11-bit word (10 bits plus Sign)
01: 0.125°C/LSB, 12-bit word (11 bits plus Sign)
10: 0.0625°C/LSB, 13-bit word (12 bits plus Sign)
11: 0.03125°C/LSB, 14-bit word (13 bits plus Sign)
4
reserved
Always returns zero when read. Recommend customer write zero only.
3
ALERT Pin Status
Value is 0 when ALERT output pin is low. Value is 1 when ALERT output pin is high. The ALERT output
pin is reset under any of the following conditions: (1) Cleared by writing a 1 to the ALERT Reset bit in the
configuration register, (2) Measured temperature falls below the TLOW limit, or (3) cleared via the ARA
sequence. Recommend customer write zero only.
2
Temperature High Flag
Bit is set to 1 when the measured temperature exceeds the THIGH limit stored in the programmable THIGH
register. Flag is reset to 0 when both of the following conditions are met: (1) measured temperature no
longer exceeds the programmed THIGH limit and (2) upon reading the Control/Status register. If the
temperature is not longer above the THIGH limit, this status bit remains set until it is read by the master so
that the system can check the history of what caused the ALERT output to go active. This bit is not
cleared after every read if the measured temperature is still above the THIGH limit.
1
Temperature Low Flag
Bit is set to 1 when the measured temperature falls below the TLOW limit stored in the programmable
TLOW register. Flag is reset to 0 when both of the following conditions are met: (1) measured temperature
is no longer below the programmed TLOW limit and (2) upon reading the Control/Status register. If the
temperature is no longer below the TLOW limit, the status bit remains set until it is read by the master so
that the system can check the history of what cause the ALERT output to go active. This bit is not cleared
after every read if temperature is still below TLOW limit.
0
Data Available Flag
This bit is 0 when the LM73 is in the process of converting a new temperature. It is 1 when the
conversion is done. After initiating a temperature conversion while operating in the one-shot mode, this
status bit can be monitored to indicate when the conversion is done. After triggering the one-shot
conversion, the data in the temperature register is invalid until this bit is high (that is, after completion of
the conversion). On power-up, the LM73 is in continuous conversion mode; while in continuous
conversion mode (the default mode after power-on reset) this bit will always be high. Recommend
customer write zero only.
7.5.1.7 Identification Register
Pointer Address 07h (Read Only)
Reset State: 0190h
D15
D14
D13
D12
D11
D10
D9
D8
0
0
0
0
0
0
0
1
D7
D6
D5
D4
D3
D2
D1
D0
1
0
0
1
0
0
0
0
BITS
NAME
DESCRIPTION
15:8
Manufacturer
Always returns 01h to uniquely identify the manufacturer as Texas Instruments.
Identification Byte
7:4
Product Identification
Always returns 9h to uniquely identify this part as the LM73 Temperature Sensor.
Nibble
3:0
Die Revision Step
Always returns 0h to uniquely identify the revision as level zero.
Nibble
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com