Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM73
Description  2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM73 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM73 Datasheet HTML 14Page - Texas Instruments LM73 Datasheet HTML 15Page - Texas Instruments LM73 Datasheet HTML 16Page - Texas Instruments LM73 Datasheet HTML 17Page - Texas Instruments LM73 Datasheet HTML 18Page - Texas Instruments LM73 Datasheet HTML 19Page - Texas Instruments LM73 Datasheet HTML 20Page - Texas Instruments LM73 Datasheet HTML 21Page - Texas Instruments LM73 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LM73
SNIS141F – OCTOBER 2005 – REVISED OCTOBER 2015
www.ti.com
7.5.1.3 Configuration Register
Pointer Address 01h (R/W)
Reset State: 40h
D7
D6
D5
D4
D3
D2
D1
D0
PD
reserved
ALRT EN
ALRT POL
ALRT RST
ONE SHOT
reserved
Bits
Name
Description
7
Full Power Down
Writing a 1 to this bit and holding it high for at least the specified maximum conversion time, at the existing
temperature resolution setting, puts the LM73 in shutdown mode for power conservation.
Writing a 0 to this bit restores the LM73 to normal mode. Waiting one specified maximum conversion time
for the existing resolution setting assures accurate data in the temperature register.
6
reserved
User must write only a 1 to this bit
5
ALERT Enable
A 0 in this location enables the ALERT output. A 1 disables it. This bit also controls the ALERT Status bit
(the Control/Status Register, Bit 3) since that bit reflects the state of the Alert pin.
4
ALERT Polarity
When set to 1, the ALERT pin and ALERT Status bit are active-high. When 0, it is active-low.
3
ALERT Reset
Writing a 1 to this bit resets the ALERT pin and the ALERT Status bit. It will always be 0 when read.
2
One Shot
When in shutdown mode (Bit 7 is 1), initiates a single temperature conversion and update of the temperature
register with new temperature data. Has no effect when in continuous conversion mode (i.e., when Bit 7 is
0). Always returns a 0 when read.
1:0
Reserved
User must write only a 0 to these bits.
7.5.1.4 THIGH Upper-Limit Register
Pointer Address 02h (R/W)
Reset State: 7FE0h (+255.75°C)
D15
D14
D13
D12
D11
D10
D9
D8
SIGN
128°C
64°C
32°C
16°C
8°C
4°C
2°C
D7
D6
D5
D4
D3
D2
D1
D0
1°C
0.5°C
0.25°C
reserved
Bits
Name
Description
15:5
Upper-Limit
If the measured temperature that is stored in this register exceeds this user-programmable upper
Temperature
temperature limit, the ALERT pin will go active and the THIGH flag in the Control/Status register will be
set to 1. Two's complement format.
4:0
Reserved
Returns zeros upon read. Recommend writing zeros only in these bits.
7.5.1.5 TLOW Lower-Limit Register
Pointer Address 03h (R/W)
Reset State: 8000h (–256°C)
D15
D14
D13
D12
D11
D10
D9
D8
SIGN
128°C
64°C
32°C
16°C
8°C
4°C
2°C
D7
D6
D5
D4
D3
D2
D1
D0
1°C
0.5°C
0.25°C
reserved
Bits
Name
Description
15:5
Lower-Limit
If the measured temperature that is stored in the temperature register falls below this user-
Temperature
programmable lower temperature limit, the ALERT pin will be deactivated and the TLOW flag in the
Control/Status register will be set to 1. Two's complement format.
4:0
Reserved
Returns zeros upon read. Recommend writing zeros only in these bits.
18
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LM73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com