Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM73
Description  2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM73 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM73 Datasheet HTML 16Page - Texas Instruments LM73 Datasheet HTML 17Page - Texas Instruments LM73 Datasheet HTML 18Page - Texas Instruments LM73 Datasheet HTML 19Page - Texas Instruments LM73 Datasheet HTML 20Page - Texas Instruments LM73 Datasheet HTML 21Page - Texas Instruments LM73 Datasheet HTML 22Page - Texas Instruments LM73 Datasheet HTML 23Page - Texas Instruments LM73 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LM73
SMBDAT
SMBCLK
ADDR
1
5
6
4
VDD = 2.7V to 5.5V
Typical bypass 0.1 PF
3
2
To hardware
shutdown
To / from processor
2-wire interface
Address (set as desired for one
of three addresses)
ALERT
LM73
SNIS141F – OCTOBER 2005 – REVISED OCTOBER 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Thermal Path Considerations
To get the expected results when measuring temperature with an integrated circuit temperature sensor like the
LM73, it is important to understand that the sensor measures its own die temperature. For the LM73, the best
thermal path between the die and the outside world is through the LM73's pins. In the SOT23 package, all the
pins on the LM73 will have an equal effect on the die temperature. Because the pins represent a good thermal
path to the LM73 die, the LM73 will provide an accurate measurement of the temperature of the printed circuit
board on which it is mounted. There is a less efficient thermal path between the plastic package and the LM73
die. If the ambient air temperature is significantly different from the printed circuit board temperature, it will have
a small effect on the measured temperature.
8.1.2 Output Considerations: Tight Accuracy, Resolution and Low Noise
The LM73 is well suited for applications that require tight temperature measurement accuracy. In many
applications, the low temperature error can mean better system performance and, by eliminating a system
calibration step, lower production cost.
With digital resolution as fine as 0.03125 °C/LSB, the LM73 senses and reports very small changes in its
temperature, making it ideal for applications where temperature sensitivity is important. For example, the LM73
enables the system to quickly identify the direction of temperature change, allowing the processor to take
compensating action before the system reaches a critical temperature.
The LM73 has very low output noise, typically 0.015°C rms, which makes it ideal for applications where stable
thermal compensation is a priority. For example, in a temperature-compensated oscillator application, the very
small deviation in successive temperature readings translates to a stable frequency output from the oscillator.
8.2 Typical Application
Figure 14. Digital Temperature Sensing
8.2.1 Design Requirements
The LM73 requires positive supply voltage of 2.7 V to 5.5 V to be applied between +VDD and GND. For best
results, bypass capacitors of 100 nF and 10
μF are recommended.
20
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LM73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com