Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM73
Description  2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM73 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM73 Datasheet HTML 18Page - Texas Instruments LM73 Datasheet HTML 19Page - Texas Instruments LM73 Datasheet HTML 20Page - Texas Instruments LM73 Datasheet HTML 21Page - Texas Instruments LM73 Datasheet HTML 22Page - Texas Instruments LM73 Datasheet HTML 23Page - Texas Instruments LM73 Datasheet HTML 24Page - Texas Instruments LM73 Datasheet HTML 25Page - Texas Instruments LM73 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
VDD
R1
LM73
R2
C1
GND
SMBDAT
SMBCLK
VDD
LM73
SNIS141F – OCTOBER 2005 – REVISED OCTOBER 2015
www.ti.com
9 Power Supply Recommendations
In systems where there is a large amount of capacitance on the VDD node, the LM73 power supply ramp-up
time can become excessively long. Slow power-supply ramp times may result in abnormal temperature readings.
A linear power-on-ramp of less than 0.7 V/msec and an exponential ramp with an RC time constant of more than
1.25 msec is categorized as a slow power-supply ramp. To avoid errors, use the power up sequence described
below.
The software reset sequence is as follows:
1. Allow VDD to reach the specified minimum operating voltage, as specified in the Recommended Operating
Conditions section.
2. Write a 1 to the Full Power Down bit, Bit 7 of the Configuration Register, and hold it high for the specified
maximum conversion time for the initial default of 11-bits resolution. This ensures that a complete reset
operation has occurred. See the Temperature Conversion Time specifications within the Temperature-to-
Digital Converter Characteristics for more details.
3. Write a 0 to the Full Power Down bit to restore the LM73 to normal mode.
10 Layout
10.1 Layout Guidelines
To achieve the expected results when measuring temperature with an integrated circuit temperature sensor like
the LM73, it is important to understand that the sensor measures its own die temperature. For the LM73, the best
thermal path between the die and the outside world is through the LM73's pins. In the SOT-23 package, all the
pins on the LM73 will have an equal effect on the die temperature. Because the pins represent a good thermal
path to the LM73 die, the LM73 will provide an accurate measurement of the temperature of the printed circuit
board on which it is mounted.
10.2 Layout Example
Figure 16. PBC Layout
22
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LM73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com