Electronic Components Datasheet Search
  English  ▼

X  

LM73 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM73
Description  2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM73 Datasheet(HTML) 3 Page - Texas Instruments

  LM73 Datasheet HTML 1Page - Texas Instruments LM73 Datasheet HTML 2Page - Texas Instruments LM73 Datasheet HTML 3Page - Texas Instruments LM73 Datasheet HTML 4Page - Texas Instruments LM73 Datasheet HTML 5Page - Texas Instruments LM73 Datasheet HTML 6Page - Texas Instruments LM73 Datasheet HTML 7Page - Texas Instruments LM73 Datasheet HTML 8Page - Texas Instruments LM73 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Snap
Back
GND
D1
PIN
Snap
Back
GND
D1
PIN
VDD
125
D2
D3
Snap
Back
GND
D1
PIN
Snap
Back
GND
D1
PIN
VDD
2.5k
D2
D3
ADDR
SMBCLK
LM73
1
2
3
4
5
GND
SMBDAT
VDD
6
ALERT
LM73
www.ti.com
SNIS141F – OCTOBER 2005 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
SOT-23
6 PINS
TOP VIEW
Pin Functions
PIN
TYPE
EQUIVALENT CIRCUIT
FUNCTION
NO.
NAME
CMOS
Logic
Address Select Input: One of three device addresses is selected by
1
ADDR
Input
connecting to ground, left floating, or connecting to VDD.
(three
levels)
2
GND
Ground
Ground
3
VDD
Power
Supply Voltage
CMOS
Serial Clock: SMBus clock signal. Operates up to 400 kHz. Low-pass
4
SMBCLK
Logic
filtered.
Input
Open-
Digital output which goes active whenever the measured temperature
5
ALERT
Drain
exceeds a programmable temperature limit.
Output
Open-
Drain
Serial Data: SMBus bi-directional data signal used to transfer serial
6
SMBDAT
Input/Outp
data synchronous to the SMBCLK. Low-pass filtered.
ut
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com