Electronic Components Datasheet Search
  English  ▼

X  

ISO5451 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO5451
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO5451 Datasheet(HTML) 4 Page - Texas Instruments

  ISO5451 Datasheet HTML 1Page - Texas Instruments ISO5451 Datasheet HTML 2Page - Texas Instruments ISO5451 Datasheet HTML 3Page - Texas Instruments ISO5451 Datasheet HTML 4Page - Texas Instruments ISO5451 Datasheet HTML 5Page - Texas Instruments ISO5451 Datasheet HTML 6Page - Texas Instruments ISO5451 Datasheet HTML 7Page - Texas Instruments ISO5451 Datasheet HTML 8Page - Texas Instruments ISO5451 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
ISO5451
SLLSEO1B – JUNE 2015 – REVISED DECEMBER 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC1
Supply voltage input side
GND1 - 0.3
6
V
VCC2
Positive supply voltage output side
(VCC2 – GND2)
–0.3
35
V
VEE2
Negative supply voltage output side
(VEE2 – GND2)
–17.5
0.3
V
V(SUP2)
Total supply output voltage
(VCC2 - VEE2)
–0.3
35
V
VOUT
Gate driver output voltage
VEE2 - 0.3
VCC2 + 0.3
V
I(OUTH)
Gate driver high output current
Gate driver high output current
2.7
A
(max pulse width = 10
μs, max duty
I(OUTL)
Gate driver low output current
5.5
A
cycle = 0.2%)
V(LIP)
Voltage at IN+, IN-, FLT, RDY, RST
GND1 - 0.3
VCC1 + 0.3
V
I(LOP)
Output current of FLT, RDY
10
mA
V(DESAT)
Voltage at DESAT
GND2 - 0.3
VCC2 + 0.3
V
V(CLAMP)
Clamp voltage
VEE2 - 0.3
VCC2 + 0.3
V
TJ
Junction temperature
–40
150
°C
TSTG
Storage temperature
-65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any conditions beyond those indicated under recommended operating conditions
is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC1
Supply voltage input side
3
5.5
V
VCC2
Positive supply voltage output side (VCC2 – GND2)
15
30
V
VEE2
Negative supply voltage output side (VEE2 – GND2)
–15
0
V
V(SUP2)
Total supply voltage output side (VCC2 – VEE2)
15
30
V
VIH
High-level input voltage (IN+, IN-, RST)
0.7 x VCC1
VCC1
V
VIL
Low-level input voltage (IN+, IN-, RST)
0
0.3 x VCC1
V
tUI
Pulse width at IN+, IN- for full output (CLOAD = 1nF)
40
ns
tRST
Pulse width at RST for resetting fault latch
800
ns
TA
Ambient temperature
-40
25
125
°C
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ISO5451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com