Electronic Components Datasheet Search
  English  ▼

X  

ISO5451 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ISO5451
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO5451 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ISO5451 Datasheet HTML 20Page - Texas Instruments ISO5451 Datasheet HTML 21Page - Texas Instruments ISO5451 Datasheet HTML 22Page - Texas Instruments ISO5451 Datasheet HTML 23Page - Texas Instruments ISO5451 Datasheet HTML 24Page - Texas Instruments ISO5451 Datasheet HTML 25Page - Texas Instruments ISO5451 Datasheet HTML 26Page - Texas Instruments ISO5451 Datasheet HTML 27Page - Texas Instruments ISO5451 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
15
9,16
11
10
12
13
14
IN-
IN+
RDY
RST
10k
10k
FLT
VCC1
0.1 F
GND1
3V - 5V
10R
ISO5451
C
FLT s
RSTs
to other
to other
15
9,16
11
10
12
13
14
IN-
IN+
RDY
10k
10k
VCC1
0.1 F
GND1
3V - 5V
10R
ISO5451
C
15
9,16
11
10
12
13
14
IN-
IN+
RDY
10k
10k
VCC1
0.1 F
GND1
3V - 5V
10R
ISO5451
C
FLT
RST
FLT
RST
ISO5451
SLLSEO1B – JUNE 2015 – REVISED DECEMBER 2015
www.ti.com
10.2.2.4 Local Shutdown and Reset
In applications with local shutdown and reset, the FLT output of each gate driver is polled separately, and the
individual reset lines are asserted low independently to reset the motor controller after a fault condition.
Figure 45. Local Shutdown and Reset for Noninverting (left) and Inverting Input Configuration (right)
10.2.2.5 Global-Shutdown and Reset
When configured for inverting operation, the ISO5451 can be configured to shutdown automatically in the event
of a fault condition by tying the FLT output to IN+. For high reliability drives, the open drain FLT outputs of
multiple ISO5451 devices can be wired together forming a single, common fault bus for interfacing directly to the
micro-controller. When any of the six gate drivers of a three-phase inverter detects a fault, the active low FLT
output disables all six gate drivers simultaneously.
Figure 46. Global Shutdown with Inverting Input Configuration
24
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ISO5451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com