Electronic Components Datasheet Search
  English  ▼

X  

ISO5451 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ISO5451
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO5451 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ISO5451 Datasheet HTML 24Page - Texas Instruments ISO5451 Datasheet HTML 25Page - Texas Instruments ISO5451 Datasheet HTML 26Page - Texas Instruments ISO5451 Datasheet HTML 27Page - Texas Instruments ISO5451 Datasheet HTML 28Page - Texas Instruments ISO5451 Datasheet HTML 29Page - Texas Instruments ISO5451 Datasheet HTML 30Page - Texas Instruments ISO5451 Datasheet HTML 31Page - Texas Instruments ISO5451 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
DESAT
GND2
VCC2
15V
1 F
DDST
VEE2
220
pF
CLAMP
3
1, 8
5
4
6
2
7
15V
1 F
NC
OUT
ISO5451
1
NŸ
10
Ÿ
rG
ISO5451
SLLSEO1B – JUNE 2015 – REVISED DECEMBER 2015
www.ti.com
10.2.2.11 Higher Output Current Using an External Current Buffer
To increase the IGBT gate drive current, a non-inverting current buffer (such as the npn/pnp buffer shown in
Figure 50) may be used. Inverting types are not compatible with the desaturation fault protection circuitry and
must be avoided. The MJD44H11/MJD45H11 pair is appropriate for currents up to 8 A, the D44VH10/ D45VH10
pair for up to 15 A maximum.
Figure 50. Current Buffer for Increased Drive Current
10.2.3 Application Curve
CL = 1 nF
RG = 10 Ω
CL = 1 nF
RG = 10 Ω
VCC2 - VEE2 = VCC2 - GND2 = 20 V
VCC2 - GND2 = 15 V
GND2 - VEE2 = 8 V
(VCC2 - VEE2 = 23 V)
Figure 52. Normal Operation - Unipolar Supply
Figure 51. Normal Operation - Bipolar Supply
28
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ISO5451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com