Electronic Components Datasheet Search
  English  ▼

X  

ISO5451 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO5451
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO5451 Datasheet(HTML) 5 Page - Texas Instruments

  ISO5451 Datasheet HTML 1Page - Texas Instruments ISO5451 Datasheet HTML 2Page - Texas Instruments ISO5451 Datasheet HTML 3Page - Texas Instruments ISO5451 Datasheet HTML 4Page - Texas Instruments ISO5451 Datasheet HTML 5Page - Texas Instruments ISO5451 Datasheet HTML 6Page - Texas Instruments ISO5451 Datasheet HTML 7Page - Texas Instruments ISO5451 Datasheet HTML 8Page - Texas Instruments ISO5451 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
ISO5451
www.ti.com
SLLSEO1B – JUNE 2015 – REVISED DECEMBER 2015
7.4 Thermal Information
DW (SOIC)
THERMAL METRIC(1)
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
99.6
RθJC(top)
Junction-to-case (top) thermal resistance
48.5
RθJB
Junction-to-board thermal resistance
56.5
°C/W
ψJT
Junction-to-top characterization parameter
29.2
ψJB
Junction-to-board characterization parameter
56.5
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Power Rating
VALUE
UNIT
PD
Maximum power dissipation(1)
1255
PID
Maximum input power dissipation
175
mW
POD
Maximum output power dissipation
1080
(1)
Full chip power dissipation is de-rated 10.04 mW/°C beyond 25°C ambient temperature. At 125°C ambient temperature, a maximum of
251 mW total power dissipation is allowed. Power dissipation can be optimized depending on ambient temperature and board design,
while ensuring that Junction temperature does not exceed 150°C.
7.6 Electrical Characteristics
Over recommended operating conditions unless otherwise noted. All typical values are at TA = 25°C, VCC1 = 5 V,
VCC2 – GND2 = 15 V, GND2 – VEE2 = 8 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE SUPPLY
Positive-going UVLO1 threshold voltage
VIT+(UVLO1)
2.25
V
input side (VCC1 – GND1)
Negative-going UVLO1 threshold voltage
VIT-(UVLO1)
1.7
V
input side (VCC1 – GND1)
UVLO1 Hysteresis voltage (VIT+ – VIT–)
VHYS(UVLO1)
0.24
V
input side
Positive-going UVLO2 threshold voltage
VIT+(UVLO2)
12
13
V
output side (VCC2 – GND2)
Negative-going UVLO2 threshold voltage
VIT-(UVLO2)
9.5
11
V
output side (VCC2 – GND2)
UVLO2 Hysteresis voltage (VIT+ – VIT–)
VHYS(UVLO2)
1
V
output side
IQ1
Input supply quiescent current
2.8
4.5
mA
IQ2
Output supply quiescent current
3.6
6
mA
LOGIC I/O
Positive-going input threshold voltage (IN+,
VIT+(IN,RST)
0.7 x VCC1
V
IN-, RST)
Negative-going input threshold voltage
VIT-(IN,RST)
0.3 x VCC1
V
(IN+, IN-, RST)
VHYS(IN,RST)
Input hysteresis voltage (IN+, IN-, RST)
0.15 x VCC1
V
IIH
High-level input leakage at (IN+) (1)
IN+ = VCC1
100
µA
IIL
Low-level input leakage at (IN-, RST) (2)
IN- = GND1, RST = GND1
-100
µA
IPU
Pull-up current of FLT, RDY
V(RDY) = GND1, V(FLT) = GND1
100
µA
VOL
Low-level output voltage at FLT, RDY
I(FLT) = 5 mA
0.2
V
GATE DRIVER STAGE
V(OUTPD)
Active output pull-down voltage
IOUT = 200 mA, VCC2 = open
2
V
V(OUTH)
High-level output voltage
IOUT = –20 mA
VCC2 - 0.5
VCC2 - 0.24
V
V(OUTL)
Low-level output voltage
IOUT = 20 mA
VEE2 + 13
VEE2 + 50
mV
IN+ = high, IN- = low,
I(OUTH)
High-level output peak current
1.5
2.5
A
VOUT = VCC2 - 15 V
(1)
IIH for IN-, RST pin is zero as they are pulled high internally.
(2)
IIL for IN+ is zero, as it is pulled low internally.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ISO5451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com