Electronic Components Datasheet Search
  English  ▼

X  

ISO5451 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ISO5451
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO5451 Datasheet(HTML) 18 Page - Texas Instruments

Back Button ISO5451 Datasheet HTML 14Page - Texas Instruments ISO5451 Datasheet HTML 15Page - Texas Instruments ISO5451 Datasheet HTML 16Page - Texas Instruments ISO5451 Datasheet HTML 17Page - Texas Instruments ISO5451 Datasheet HTML 18Page - Texas Instruments ISO5451 Datasheet HTML 19Page - Texas Instruments ISO5451 Datasheet HTML 20Page - Texas Instruments ISO5451 Datasheet HTML 21Page - Texas Instruments ISO5451 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
ISO5451
SLLSEO1B – JUNE 2015 – REVISED DECEMBER 2015
www.ti.com
9.3.6.3 Regulatory Information
VDE
CSA
UL
CQC
Plan to certify to DIN V VDE V 0884-
Plan to certify under CSA Component
Plan to certify under 1577 Component
Plan to certify according to GB
10 (VDE V 0884-10):2006-12 and DIN
Acceptance Notice 5A, IEC 60950-1,
Recognition Program
4943.1-2011
EN 60950-1 (VDE 0805 Teil 1):2011-
IEC 61010-1, and IEC 60601-1
01
Isolation Rating of 5700 VRMS;
Reinforced insulation per CSA 61010-
1-12 and IEC 61010-1 (3rd Ed.), 300
Reinforced Insulation Maximum
VRMS max working voltage;
Transient isolation voltage, 8000 VPK;
Reinforced insulation per CSA 60950-
Reinforced Insulation, Altitude
≤
Maximum surge isolation voltage,
1- 07+A1+A2 and IEC 60950-1 (2nd
Single Protection, 5700 VRMS
(1)
5000m, Tropical climate, 250 VRMS
6250 VPK,
Ed.), 800 VRMS max working voltage
maximum working voltage
Maximum repetitive peak isolation
(pollution degree 2, material group I) ;
voltage, 1420 VPK
2 MOPP (Means of Patient Protection)
per CSA 60601-1:14 and IEC 60601-1
Ed. 3.1, 250 VRMS (354 VPK) max
working voltage
Certification planned
Certification planned
Certification planned
Certification planned
(1)
Production tested
≥ 6840 VRMS for 1 second in accordance with UL 1577.
9.3.6.4 IEC 60664-1 Rating Table
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic Isolation Group
Material Group
I
Rated Mains Voltage
≤ 300 VRMS
I-IV
Installation Classification
Rated Mains Voltage
≤ 600 VRMS
I-III
Rated Mains Voltage
≤ 1000 VRMS
I-II
18
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ISO5451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com