Electronic Components Datasheet Search
  English  ▼

X  

ISO5451 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO5451
Description  High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO5451 Datasheet(HTML) 1 Page - Texas Instruments

  ISO5451 Datasheet HTML 1Page - Texas Instruments ISO5451 Datasheet HTML 2Page - Texas Instruments ISO5451 Datasheet HTML 3Page - Texas Instruments ISO5451 Datasheet HTML 4Page - Texas Instruments ISO5451 Datasheet HTML 5Page - Texas Instruments ISO5451 Datasheet HTML 6Page - Texas Instruments ISO5451 Datasheet HTML 7Page - Texas Instruments ISO5451 Datasheet HTML 8Page - Texas Instruments ISO5451 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
OUT
ISO5451
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ISO5451
SLLSEO1B – JUNE 2015 – REVISED DECEMBER 2015
ISO5451 High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
with Active Safety Features
1 Features
3 Description
The ISO5451 is a 5.7-kVRMS, reinforced isolated gate
1
•
50-kV/
μs Minimum and 100-kV/μs Typical
driver for IGBTs and MOSFETs with 2.5-A source
Common-Mode Transient Immunity (CMTI)
and 5-A sink current. The input side operates from a
at VCM = 1500 V
single 3-V to 5.5-V supply. The output side allows for
•
2.5-A Peak Source and 5-A Peak Sink Currents
a supply range from minimum 15-V to maximum
30-V. Two complementary CMOS inputs control the
•
Short Propagation Delay: 76 ns (Typ),
output state of the gate driver. The short propagation
110 ns (Max)
time of 76 ns assures accurate control of the output
•
2-A Active Miller Clamp
stage.
•
Output Short-Circuit Clamp
An internal desaturation (DESAT) fault detection
•
Fault Alarm upon Desaturation Detection is
recognizes
when
the
IGBT
is
in
an
overload
Signaled on FLT and Reset Through RST
condition. Upon a DESAT detect the gate driver
•
Input and Output Under Voltage Lock-Out (UVLO)
output is driven low to VEE2 potential turning the IGBT
with Ready (RDY) Pin Indication
immediately off.
•
Active Output Pull-down and Default Low Outputs
When desaturation is active, a fault signal is sent
with Low Supply or Floating Inputs
across the isolation barrier pulling the FLT output at
the input side low and blocking the isolator input. The
•
3-V to 5.5-V Input Supply Voltage
FLT output condition is latched and can be reset
•
15-V to 30-V Output Driver Supply Voltage
through a low-active pulse at the RST input.
•
CMOS Compatible Inputs
When the IGBT is turned off during normal operation
•
Rejects Input Pulses and Noise Transients
with bipolar output supply, the output is hard clamp to
Shorter Than 20 ns
VEE2. If the output supply is unipolar, an active Miller
•
Operating Temperature: –40°C to 125°C Ambient
clamp can be used, allowing Miller current to sink
across a low impedance path preventing IGBT to be
•
Isolation Surge Withstand Voltage 10000-VPK
dynamically turned on during high voltage transient
•
Safety and Regulatory Certifications:
conditions.
–
8000-VPK VIOTM and 1420-VPK VIORM
Reinforced Isolation per DIN V VDE V 0884-10
Device Information(1)
(VDE V 0884-10):2006-12
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
5700-VRMS Isolation for 1 Minute per UL 1577
ISO5451
SOIC (16)
10.30 mm × 7.50 mm
–
CSA Component Acceptance Notice 5A, IEC
(1) For all available packages, see the orderable addendum at
60950-1, IEC 60601-1 and IEC 61010-1 End
the end of the datasheet.
Equipment Standards
Functional Block Diagram
–
CQC Certification per GB4943.1-2011
–
All Certifications are Planned
2 Applications
•
Isolated IGBT and MOSFET Drives in
–
Industrial Motor Control Drives
–
Industrial Power Supplies
–
Solar Inverters
–
HEV and EV Power Modules
–
Induction Heating
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO5451

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO5451 TI2-ISO5451 Datasheet
999Kb / 39P
ISO5451-Q1 High-CMTI 2.5-A and 5-A Isolated IGBT, MOSFET Gate Driver With Active Protection Features
REVISED DECEMBER 2016
ISO5451-Q1 TI1-ISO5451-Q1 Datasheet
1Mb / 39P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5451-Q1 TI2-ISO5451-Q1 Datasheet
999Kb / 39P
ISO5451-Q1 High-CMTI 2.5-A and 5-A Isolated IGBT, MOSFET Gate Driver With Active Protection Features
REVISED DECEMBER 2016
ISO5451QDWQ1 TI1-ISO5451QDWQ1 Datasheet
1Mb / 39P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5451QDWQ1 TI2-ISO5451QDWQ1 Datasheet
999Kb / 39P
ISO5451-Q1 High-CMTI 2.5-A and 5-A Isolated IGBT, MOSFET Gate Driver With Active Protection Features
REVISED DECEMBER 2016
More results

Similar Description - ISO5451

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO5500 TI1-ISO5500 Datasheet
1Mb / 40P
2.5 A Isolated IGBT, MOSFET Gate Driver
ISO5452 TI-ISO5452 Datasheet
1Mb / 37P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Split Outputs and Active Safety Features
ISO5851 TI-ISO5851 Datasheet
1Mb / 34P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Active Safety Features
ISO5852S TI-ISO5852S_15 Datasheet
1Mb / 37P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver with Split Outputs and Active Safety Features
ISO5451-Q1 TI1-ISO5451-Q1 Datasheet
1Mb / 39P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5452-Q1 TI1-ISO5452-Q1 Datasheet
1Mb / 41P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5851-Q1 TI1-ISO5851-Q1 Datasheet
1Mb / 40P
High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
ISO5852S-EP TI1-ISO5852S-EP Datasheet
1Mb / 43P
High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
ISO5852S-EP TI1-ISO5852S-EP_17 Datasheet
1Mb / 43P
High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com