Electronic Components Datasheet Search
  English  ▼

X  

SM8221 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM8221
Description  Calling Number Identification Receiver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8221 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM8221 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NIPPON PRECISION CIRCUITS-3
SM8220/SM8221
PIN DESCRIPTIONS
Number
Name
i/o
Function
SM8220
SM8221
1
1
TIP
i
2
2
RING
i
3
-
AGND
o
4
-
RDIN
si
5
-
RDRC
od
6
-
RDET
o
7
3
PDWN
si
8
4
GND
-
9
5
OSCIN
i
/CLKIN
10
-
OSCOUT
o
11
6
CDET
o
12
-
NC
-
13
7
DOUT
o
14
-
DMIN
i
15
-
FOUT
o
16
8
VDD
-
(Note) si: Schmitt Triger Input, od: Open Drain Output.
Tip Input: This pin is connected to the tip side of the twisted pair telephone wires.
This pin must be DC isolated from the phone line.
Ring Input: This pin is connected to the ring side of the twisted pair telephone wires.
This pin must be DC isolated from the phone line.
Analog Ground: 1/2 VDD voltage output. This pin must be grounded through 0.1
µF capacitor.
Ring Detect Input: The attenuated ring signal is connected to this pin for the ring detection.
Ring Detect RC Terminal: An RC network will be connected to this pin to set time delays for
the ring signal detection.
Ring Detect Output: This pin is an output of a schmitt trigger buffer which input is connected
to RDRC pin. The low level at this pin indicates that the ring signal is detected.
Power Down Control: This pin must be kept at low level for the normal operation.
When it is high, the device will be in the power down.
Under the power down mode, OSCOUT, CDET and DOUT pins are set to high level and
AGND, FOUT pins are set to high impedance.
Device Ground: This pin is connected to the system ground.
Crystal Oscillator Input: A crystal will be connected between this pin and OSCOUT pin.
This pin may be driven from an external clock source.
Crystal Oscillator Output: A crystal will be connected between this pin and OSCIN pin.
This pin must be kept open when OSCIN pin is driven from an external clock source.
Carrier Detect Output: When low, this output indicates that a valid carrier present on the line.
No connection pin.
Data Out: This pin presents the output of the demodulator while CDET pin is low.
When CDET pin goes high, this pin is held high.
Demodulator Input: This pin is connected from FOUT pin through a 0.1
µF capacitor.
No other components should be connected to this pin.
Band Pass Filter Output: This pin is connected to DMIN pin through a 0.1
µF capacitor.
No other components should be connected to this pin.
Power Supply: Positive power supply pin.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com