Electronic Components Datasheet Search
  English  ▼

X  

SM8221 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM8221
Description  Calling Number Identification Receiver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8221 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM8221 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NIPPON PRECISION CIRCUITS INC.
NIPPON PRECISION CIRCUITS-1
OVERVIEW
SM8220/SM8221
Calling Number Identification Receiver IC
The SM8220/SM8221 Calling Number Identification
Receiver IC is a CMOS integrated circuit, which provides
an interface to various calling information delivery services
such as Calling Number Delivery (CND) and Calling
Name Delivery (CNAM) compatible with the Bellcore
GR-30-CORE. The device also contains a power down cir-
cuit, a ring detect circuit and a carrier detect circuit for eas-
ier system implementation.
FEATURES
•Compatible with Bellcore GR-30-CORE
•Integrated band pass filter
•FSK demodulator
Bell 202 and ITU-T V.23
•High input sensitivity: −48 dBm typical
•Ring detect output
•Carrier Detect Output (SM8220)
•Power down mode: 1µA power down current
•Uses 3.579545 MHz crystal (SM8220) or external
clock source
•Power supply voltage: 3V to 5.5V
•Low power consumption
•Molybdenum-gate CMOS process
•Package
SM8220: 16 pin SOP, 16 pin DIP
SM8221: 8 pin SOP, 8 pin DIP
APPLICATIONS
•Calling Number Delivery service
•Adjunct Boxes
•Telephone Answering Machines
•Feature Phones
•Fax Machines
•Computer Interface Products
PINOUT(Top View)
1
9
16
8
TIP
RING
AGND
RDIN
RDRC
RDET
PDWN
VDD
FOUT
DMIN
DOUT
NC
CDET
OSCOUT
GND
OSCIN
/CLKIN
1
9
16
8
SM8220S (16pin SOP)
SM8220P (16pin DIP)
1
4
5
8
TIP
RING
PDWN
GND
VDD
DOUT
CDET
CLKIN
1
4
5
8
SM8221S (8pin SOP)
SM8221P (8pin DIP)
TIP
RING
AGND
RDIN
RDRC
RDET
PDWN
VDD
FOUT
DMIN
DOUT
NC
CDET
OSCOUT
GND
OSCIN
/CLKIN
TIP
RING
PDWN
GND
VDD
DOUT
CDET
CLKIN


Similar Part No. - SM8221

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SM8220 FAIRVIEW-SM8220 Datasheet
523Kb / 4P
Low PIM 4.1/9.5 Mini DIN Female to N Female Adapter
REV 1.1
logo
Nippon Precision Circui...
SM8222 NPC-SM8222 Datasheet
112Kb / 15P
Caller ID Service IC with Call Waiting
logo
Infinite Electronics In...
SM8222 FAIRVIEW-SM8222 Datasheet
413Kb / 3P
Low PIM 4.1/9.5 Mini DIN Male to N Male Adapter
REV 1.0
logo
Nippon Precision Circui...
SM8222A NPC-SM8222A Datasheet
112Kb / 15P
Caller ID Service IC with Call Waiting
SM8222AP NPC-SM8222AP Datasheet
112Kb / 15P
Caller ID Service IC with Call Waiting
More results

Similar Description - SM8221

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9032 HOLTEK-HT9032 Datasheet
222Kb / 10P
Calling Line Identification Receiver
April 6, 2000
logo
Mitel Networks Corporat...
MT8841 MITEL-MT8841 Datasheet
101Kb / 10P
CMOS Calling Number Identification Circuit
MT88E39 MITEL-MT88E39 Datasheet
98Kb / 14P
CMOS Calling Number Identification Circuit
logo
Zarlink Semiconductor I...
MT88E46 ZARLINK-MT88E46 Datasheet
522Kb / 23P
Bellcore Compliant Calling Number Identification Circuit
logo
Holtek Semiconductor In...
HT9030 HOLTEK-HT9030 Datasheet
250Kb / 6P
Calling line identification receiver
logo
Zarlink Semiconductor I...
MT88E39 ZARLINK-MT88E39 Datasheet
257Kb / 16P
Calling Number Identification Circuit
logo
Texas Instruments
MT88E46 TI-MT88E46_06 Datasheet
406Kb / 23P
Bellcore Compliant Calling Number Identification Circuit
logo
Holtek Semiconductor In...
HT9032C HOLTEK-HT9032C Datasheet
191Kb / 14P
Calling Line Identification Receiver
September 30, 2002
logo
Zarlink Semiconductor I...
MT88E43B ZARLINK-MT88E43B Datasheet
559Kb / 29P
Extended Voltage Calling Number Identification Circuit 2
logo
Holtek Semiconductor In...
HT9032C HOLTEK-HT9032C_16 Datasheet
114Kb / 11P
Calling Line Identification Receiver
December 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com