Electronic Components Datasheet Search
  English  ▼

X  

SM8221 Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM8221
Description  Calling Number Identification Receiver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8221 Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

  SM8221 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NIPPON PRECISION CIRCUITS-7
SM8220/SM8221
TIMING DIAGRAM
TYPICAL APPLICATION CIRCUIT
101010... 1
Data
1st Ring
2nd Ring
101010... 1
Data
INPUT
(TIP, RING)
PDWN
DOUT
OSCOUT*
RDRC*
RDET*
CDET
*: Not available for SM8221.
VIH2
VIL2
tSUPD
tDAQ
tDCH
tDOSC
Protection
Network
TIP
RING
AGND
RDIN
RDRC
RDET
PDWN
GND
VDD
DOUT
NC
DMIN
FOUT
CDET
OSCOUT
OSCIN
/CLKIN
SM8220
Controller
From TIP
From RING
0.001
µF 91kΩ (240kΩ)
0.2
µF
0.2
µF
0.001
µF 91kΩ (240kΩ)
0.1
µF
470k
Ω
33k
Ω
270k
Ω
0.2
µF
10
µF
0.1
µF
+5V
LCD Driver
LCD Display
3.579545
MHz
( ) = When 3V range
Protection
Network
TIP
RING
PDWN
GND
VDD
DOUT
CLKIN
SM8221
Controller
From TIP
From RING
0.001
µF 91kΩ (240kΩ)
0.001
µF 91kΩ (240kΩ)
10
µF
+5V
LCD Driver
LCD Display
CDET
3.579545MHz
( ) = When 3V range
(Note)
When the Ring Detect feature of SM8220 is not used, always connect RDIN and RDRC pins to the system ground level.
This will cut excess current drain from VDD under the normal and power down mode of operation.
This diagram example is desingned to adapt to the specifications of United States.
When it is used in other area, the constants may have to chenged appropriately.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com