Electronic Components Datasheet Search
  English  ▼

X  

SM8221 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM8221
Description  Calling Number Identification Receiver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8221 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM8221 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NIPPON PRECISION CIRCUITS-4
SM8220/SM8221
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Supply Voltage
VDD
−0.5 to 7.0
V
Input Voltage
VIN
−0.3 to VDD+0.3
V
Input Current
IIN
±10
mA
Power Dissipation
PD
120
mW
Operating Temperature Range
Ta
−20 to 85
°C
Storage Temperature Range
TSTG
−40 to 125
°C
Soldering Temperature
TSLD
255
°C
Soldering Time
tSLD
10
sec
(GND= 0V unless otherwise noted)
ELECTRICAL CHARACTERISTICS
DC CHARACTERISTICS
Rating
Parameter
Symbol
Condition
MIN
TYP
MAX
Unit
DC Supply Voltage
VDD
3
5
5.5
V
Supply Current
IDD
*1
1.7
3
mA
Power Down Current
IDPD
*2
1
µA
Input Low Voltage1
VIL1
OSCIN/CLKIN pin
0.3VDD
V
VOSCOUT= 0.8VDD
Input High Voltage1
VIH1
OSCIN/CLKIN pin
0.7VDD
V
VOSCOUT= 0.2VDD
Input Low Voltage2
VIL2
PDWN, RDIN, RDRC pin
2
0.3VDD
V
Input High Voltage2
VIH2
PDWN, RDIN, RDRC pin
0.75VDD
3V
Output Low Voltage
VOL
DOUT, RDET, CDET, RDRC
0.4
V
pin, VDD= 4.5V, IOL= 1.6mA
Output High Voltage
VOH
DOUT, RDET, CDET pin
3.7
V
VDD= 4.5V, IOH=
−1.6mA
Input Leakage Current
IIN
OSCIN/CLKIN, PDWN, RDIN
−11
µA
pin, VDD= 5.5V, VIN= 0 or 5V
Output Leakage Current
IOFF
RDRC pin, RDIN= 0V
1
µA
VDD= 5.5V,VOH= 5.5V
Input DC Resistance
RIN
TIP, RING pin, VDD= 5V
175
250
325
k
Ω
Impedance measured from 1/2VDD
(VDD= 5±0.5 V, GND = 0 V, fCLK = 3.579545 MHz, Ta =
−20 to 85 ˚C unless otherwise noted)
*1: OSCIN/CLKIN= 0V, PDWN= 0V, RDIN= 0V, RDRC= 0V, Other Input Pins= open
*2: OSCIN/CLKIN= 0V, PDWN= VDD, RDIN= 0V, RDRC= 0V, Other Input Pins= open



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com