Electronic Components Datasheet Search
  English  ▼

X  

SM8221 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM8221
Description  Calling Number Identification Receiver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8221 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM8221 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NIPPON PRECISION CIRCUITS-2
SM8220/SM8221
PACKAGE DIMENSIONS(Unit: mm)
TIP
RING
OSCIN*
/CLKIN
OSCOUT*
PDWN
RDIN*
FOUT*
DMIN*
DOUT
CDET
RDET*
Band Pass
Filter
FSK
Demodulator
Power Down Control
and Clock Generator
Carrier
Detect
(SM8221)
AGND*
VDD
GND
*: Not available for SM8221.
RDRC*
BLOCK DIAGRAM
19.05
2.54
2.54
0.46
1.52
0 to 8
9.89 0.09
1.27
0.25
0.41 0.05
0.10
M
0.13 0.06
0.84 0.43
SM8220S (16 pin SOP)
SM8220P (16 pin DIP)
SM8221S (8 pin SOP)
SM8221P (8 pin DIP)
8.89
2.54
2.54
0.46
1.52
1.27
4.80 to 4.98
0.36 to 0.46
0.19 to 0.25
0.41 to 1.27
0 to 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com