Electronic Components Datasheet Search
  English  ▼

X  

SM8221 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM8221
Description  Calling Number Identification Receiver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8221 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM8221 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8221 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NIPPON PRECISION CIRCUITS-5
SM8220/SM8221
AC CHARACTERISTICS
Rating
Parameter
Symbol
Condition
MIN
TYP
MAX
Unit
Input Sensitivity
TIP, RING pin
−48
dBm
TIP, RING pin
VDD= 5V
−15
dBm
Input Level
VDD= 3V
−18
Band Pass Filter Frequency Response
60Hz
−80
dB
(relative to 1700 Hz @
−34 dBm
1200 Hz
−1
input level)
2200Hz
0
4000Hz
−43
≥10000Hz
−54
Carrier Detect ON Sensitivity
CDON
CDET pin
−48
−44
dBm
Carrier Detect OFF Sensitivity
CDOFF
CDET pin
−55
−51
dBm
Oscillator Frequency
fCLK
−0.1%
3.579545
+0.1%
MHz
(
VDD= 5.0V, GND= 0V, fCLK= 3.579545MHz, Ta=
−20 to 85 ˚C, 0dBm= 0.7746Vrms @ 600Ω unless otherwise noted)
TYPICAL BAND-PASS FILTER FREQUENCY RESPONSE
(Relative to 1700 Hz @
−34 dBm input level)
-100
-80
-60
-40
-20
0
20
0
1000
2000
3000
4000
Frequency (Hz)
SWITCHING CHARACTERISTICS
Rating
Parameter
Symbol
Condition
MIN
TYP
MAX
Unit
Power Down Low to
tDOSC
5ms
Oscillator Start Up
Power Down Low to
tSUPD
10
ms
FSK Data Detect
Carrier Detect Acquisition Time
tDAQ
10
ms
End of Data to Carrier Detect High
tDCH
10
ms
(VDD= 5.0V, GND= 0V, fCLK= 3.579545MHz, Ta= 25 ˚C, CL= 50pF unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com