Electronic Components Datasheet Search
  English  ▼

X  

L8708H Datasheet(PDF) 15 Page - Zilog, Inc.

Part # L8708H
Description  IR/Low-Voltage Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

L8708H Datasheet(HTML) 15 Page - Zilog, Inc.

Back Button L8708H Datasheet HTML 11Page - Zilog, Inc. L8708H Datasheet HTML 12Page - Zilog, Inc. L8708H Datasheet HTML 13Page - Zilog, Inc. L8708H Datasheet HTML 14Page - Zilog, Inc. L8708H Datasheet HTML 15Page - Zilog, Inc. L8708H Datasheet HTML 16Page - Zilog, Inc. L8708H Datasheet HTML 17Page - Zilog, Inc. L8708H Datasheet HTML 18Page - Zilog, Inc. L8708H Datasheet HTML 19Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
Z86L88/81/86/87/89/73
IR/Low-Voltage Microcontroller
DS96LV00800
P R E L I M I N A R Y
15
1
AC CHARACTERISTICS
Preliminary
Additional Timing Table
TA = 0°C to +70°C
8.0MHz
No
Sym
Parameter
VCC
Min
Max
Units
Notes
1
TpC
Input Clock Period
2.0V
3.9V
121
121
DC
DC
ns
ns
1
1
2
TrC,TfC
Clock Input Rise
and Fall Times
2.0V
3.9V
25
25
ns
ns
1
1
3
TwC
Input Clock Width
2.0V
3.9V
37
37
ns
ns
1
1
4
TwTinL
Timer Input
Low Width
2.0V
3.9V
100
70
ns
ns
1
1
5
TwTinH
Timer Input
High Width
2.0V
3.9V
3TpC
3TpC
1
1
6
TpTin
Timer Input
Period
2.0V
3.9V
8TpC
8TpC
1
1
7
TrTin,TfTin
Timer Input Rise
and Fall Timers
2.0V
3.9V
100
100
ns
ns
1
1
8A
TwIL
Interrupt Request
Low Time
2.0V
3.9V
100
70
ns
ns
1,2
1,2
8B
TwIL
Interrupt Request
Low Time
2.0V
3.9V
5TpC
5TpC
1,3
1,3
9
TwIH
Interrupt Request
Input High Time
2.0V
3.9V
5TpC
5TpC
1,2
1,2
10
Twsm
Stop-Mode Recovery
Width Spec
2.0V
3.9V
2.0V
3.9V
12
12
5 TpC
5 TpC
ns
ns
ns
ns
7
7
6
6
11
Tost
Oscillator
Start-Up Time
2.0V
3.9V
5TpC
5TpC
4
4
12
Twdt
Watch-Dog Timer
Delay Time (5 ms)
(10 ms)
(20 ms)
(80 ms)
2.0V
3.9V
2.0V
3.9V
2.0V
3.9V
2.0V
3.9V
12
5
25
10
50
20
225
80
75
20
150
40
300
80
1200
320
ms
ms
ms
ms
ms
ms
ms
ms
Notes:
1. Timing Reference uses 0.9 VCC for a logic 1 and 0.1 VCC for a logic 0.
2. Interrupt request through Port 3 (P33-P31).
3. Interrupt request through Port 3 (P30).
4. SMR – D5 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com