Electronic Components Datasheet Search
  English  ▼

X  

L8708H Datasheet(PDF) 31 Page - Zilog, Inc.

Part # L8708H
Description  IR/Low-Voltage Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

L8708H Datasheet(HTML) 31 Page - Zilog, Inc.

Back Button L8708H Datasheet HTML 27Page - Zilog, Inc. L8708H Datasheet HTML 28Page - Zilog, Inc. L8708H Datasheet HTML 29Page - Zilog, Inc. L8708H Datasheet HTML 30Page - Zilog, Inc. L8708H Datasheet HTML 31Page - Zilog, Inc. L8708H Datasheet HTML 32Page - Zilog, Inc. L8708H Datasheet HTML 33Page - Zilog, Inc. L8708H Datasheet HTML 34Page - Zilog, Inc. L8708H Datasheet HTML 35Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
Z86L88/81/86/87/89/73
IR/Low-Voltage Microcontroller
DS96LV00800
P R E L I M I N A R Y
31
1
CTR0 (D)00: Counter/Timer8 Control Register.
CTR0: Counter/Timer8 Control Register Description
T8 Enable. This field enables T8 when set (written) to 1.
Single/Modulo-N. When set to 0 (modulo-n), the counter
reloads the initial value when the terminal count is
reached. When set to 1 (single pass), the counter stops
when the terminal count is reached.
Time-Out. This bit is set when T8 times out (terminal count
reached). To reset this bit, a 1 should be written to this lo-
cation. This is the only way to reset this status condi-
tion, therefore, care should be taken to reset this bit
prior to using/enabling the counter/timers.
Note: Care must be taken when utilizing the OR or AND
commands to manipulate CTR0, bit 5 and CTR1, bits 0
and 1 (Demodulation Mode). These instructions use a
Read-Modify-Write sequence in which the current status
from the CTR0 and CTR1 registers will be ORed or ANDed
with the designated value and then written back into the
registers. Example: When the status of bit 5 is 1, a timer
reset condition will occur.
T8 Clock. Defines the frequency of the input signal to T8.
Capture_INT_Mask. Set this bit to allow interrupt when
data is captured into either LO8 or HI8 upon a positive or
negative edge detection in demodulation mode.
Counter_INT_Mask. Set this bit to allow interrupt when T8
has a time out.
P34_Out. This bit defines whether P34 is used as a normal
output pin or the T8 output.
Field
Bit Position
Value
Description
T8_Enable
7-------
R
W
0*
1
0
1
Counter Disabled
Counter Enabled
Stop Counter
Enable Counter
Single/Modulo-N
-6-------
R/W
0
1
Modulo-N
Single Pass
Time_Out
--5------
R
W
0
1
0
1
No Counter Time-Out
Counter Time-Out Occurred
No Effect
Reset Flag to 0
T8 _Clock
---43---
R/W
0 0
0 1
1 0
1 1
SCLK
SCLK/2
SCLK/4
SCLK/8
Capture_INT_MASK
-----2--
R/W
0
1
Disable Data Capture Int.
Enable Data Capture Int.
Counter_INT_Mask
------1-
R/W
0
1
Disable Time-Out Int.
Enable Time-Out Int.
P34_Out
-------0
R/W
0*
1
P34 as Port Output
T8 Output on P34
Note: * Indicates the value upon Power-On Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com