Electronic Components Datasheet Search
  English  ▼

X  

L8708H Datasheet(PDF) 54 Page - Zilog, Inc.

Part # L8708H
Description  IR/Low-Voltage Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

L8708H Datasheet(HTML) 54 Page - Zilog, Inc.

Back Button L8708H Datasheet HTML 50Page - Zilog, Inc. L8708H Datasheet HTML 51Page - Zilog, Inc. L8708H Datasheet HTML 52Page - Zilog, Inc. L8708H Datasheet HTML 53Page - Zilog, Inc. L8708H Datasheet HTML 54Page - Zilog, Inc. L8708H Datasheet HTML 55Page - Zilog, Inc. L8708H Datasheet HTML 56Page - Zilog, Inc. L8708H Datasheet HTML 57Page - Zilog, Inc. L8708H Datasheet HTML 58Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
Z86L88/81/86/87/89/73
IR/Low-Voltage Microcontroller
54
P R E L I M I N A R Y
DS96LV00800
Mask Selectable Options. There are seven Mask Select-
able Options to choose from based on ROM code require-
ments. These are:
Low Voltage Detection/Standby. An on-chip Voltage
Comparator checks that the VCC is at the required level for
correct operation of the device. Reset is globally driven
when VCC falls below VLV (Vrf1). A small further drop in
VCC causes the XTAL1 and XTAL2 circuitry to stop the
crystal or resonator clock. Typical Low-Voltage power con-
sumpion in this Low Voltage Standby mode (ILV) is about
45
µA (varying with the number of Mask selectable options
enabled). If the VCC is allowed to stay above Vram, the
RAM content is preserved. When the power level is re-
turned to above VLV, the device will perform a POR and
function normally (Figure 45).
The minimum operating voltage varies with the tempera-
ture and operating frequency, while VLV varies with tem-
perature only.
The Low Voltage trip voltage (VLV) is less than 2.1V under
the following conditions:
Maximum (VLV) Conditions:
TA = 0°C, +55°C Internal clock frequency equal to or less
than 4.0 MHz
Note: The internal clock frequency is one-half the external
clock frequency.
RAM Protect
On/Off
RC/Other
RC/XTAL
32 kHz XTAL
On/Off
Port 04-07 Pull-Ups
On/Off
Port 00-03 Pull-Ups
On/Off
Port 20-27 Pull-Ups
On/Of
Port 30-33 Pull-Ups
On/Of
Port 3 Mouse Mode 0.4 VDD
Trip
On/Off
Figure 45. Typical Z86LXX Low Voltage vs
Temperature at 8 MHZ
0
15
25
35
45
55
1.8
1.6
1.4
1.2
1
1.8
0.6
0.4
0.2
0
VLV
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com